Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G081PU11500M Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # G081PU11500M
Description  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU11500M Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  G081PU11500M Datasheet HTML 1Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU11500M Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
02.04.2012
Manual G081PU Series
3 of 10
2 Specifications
optical and electrical specification
Type
G081PU
1600M
G081PU
1750M
G081PU
11500M
G081PU
25W
G081PU
210W
G081PU
315W
G081PU
325W
Optical specification
Ratedoutputopticalpower
Pf* (W)
0.6
0.75
1.5
5
10
12
25
Central Wavelength
λ
c* (nm)
808
808
808
808
808
808
808
Central Wavelength
λ
c* (nm)
800-820
800-820
800-820
800-820
800-820
800-820
800-820
Central Wavelength tolerance (nm)
<4
<4
<4
<5
<5
<7(4)
<7(4)
Wavelength temperature
coefficient (nm/°C)
0.3
0.3
0.3
0.3
0.3
0.3
0.3
Fiber specification
Fiber Core Size (µm)
50
100
100
400
400
700
700
N.A.
0.22
0.22
(0.12)
0.22
0.22
(0.12)
0.22
0.12
0.22
Fiber length (m)
1
1
1
1
1
1
1
Connector
FC/ST/SMA-905
Electrical specification
Threshold current Ith* (mA)
≤250
≤250
≤500
≤250
≤500
≤250
≤500
Operating current Io (mA)
≤1250
≤1250
≤2500
≤1250
≤2500
≤1250
≤2500
Operating voltage Vf* (V)
<2
<2
<2
<14
<14
<35
<35
Slope efficiency Es* (W/A)
>0.6
>0.75
>0.75
>5
>5
>12
>12
Resistance Rd* (
Ω)
<0.2
<0.2
<0.2
<1.4
<1.4
<3.5
<3.5
Package
P1- Package
P2- Package
P3- Package
Reverse Voltage Vr (V)
2
2
2
14
14
35
35
operating temperature To (°C)
-10...45
-10...45
-10...45
-10...45
-10...45
-10...45
-10...45
Storage temperature Tstg (°C)
-40...70
-40...70
-40...70
-40...70
-40...70
-40...70
-40...70
Parameter notes:
*
Rated outputoptical power PF: Laser Diode output power rating.
*
Central Wavelength
λc &Spectralwidth Δλ: While the laser diode is at its rated output optical power, the
wavelength at its emission spectrum curve with highest relative strengths is the central wavelength
λ
c, the wavelength width between 1/2 highest strengths of both sides of the
emission spectrum is
Δλ.
*
Threshold current Ith: Current when Laser Diode begins lasing.
*
Operating current Io: Current when Laser Diode at rated output power.
*
Operating voltage Vf: Voltage of both ends of the Laser Diode when it at rated output power.


Similar Part No. - G081PU11500M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G081PU11500M ROITHNER-G081PU11500M Datasheet
236Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

Similar Description - G081PU11500M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com