Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G081PU1600M Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # G081PU1600M
Description  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU1600M Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  G081PU1600M Datasheet HTML 1Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU1600M Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02.04.2012
Manual G081PU Series
2 of 10
1 Introduction
Thank you for choosing this high power fiber coupled Laser Diode for your application.
Please read that manual carefully before using this product. If there is any question about
this manual, please contact us.
The 808nm series high power fiber coupled Laser Diodes with optimized QW structure
have a high reliability, high performance. The MOCVD technical is used for epitaxy to get a
high quality epi-wafer. The 808nm series high power fiber coupled Laser Diode module
can get up to 25W multimode fiber coupled output at CW and N.A. 0.12 & 0.22. It can be
applied in a wide field such as laser pumps, medical, target designator, free-space
communication.


Similar Part No. - G081PU1600M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

Similar Description - G081PU1600M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com