Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS51 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LPS51
Description  Violet Laser Diode Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LPS51 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LPS51 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LPS51 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LPS51 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
CW405-05
• Violet Laser Diode Module
• 405 nm, <5 mW
• Automatic Power Control
• Wide Input Voltage Range (3-5 VDC)
• Fix Focus Acryl Lens
Description
CW405-05 is a compact size fix collimated laser diode module with a typical emission wavelength of 405 nm, and an optical output
power of <5 mW. It features automatic power control (APC) driving electronics for stable operation, and supports a wide input
voltage range (3-5 VDC). CW405-05 comes equipped with a coaxial power connector. A matching power supply and suitable heat
sink is optionally available for quick setup and convenient operation (see page 3 for details).
Maximum Ratings (TCASE = 25°C)
Parameter
Values
Unit
Min.
Max.
Operating temperature
+ 10
+ 50
°C
Storage temperature
- 20
+ 80
°C
Electro-Optical Characteristics (TCASE= 25°C)
Parameter
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
400
405
410
nm
Radiated Power
5
mW
Beam diameter at aperture
2 x 4
mm
Beam divergence
1.0
mrad
Operating Current
70
mA
Supply Voltage
3
5
VDC
Material body
aluminium, black anodized
Material lens
acryl
Dimensions
Ø 12 x 20 (40)
mm
Connector
IEC 60130-10, Type A, 5.5/2.1 mm
MTTF
5000
h
rev.2.0 18.11.15


Similar Part No. - LPS51

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LPS51 ROITHNER-LPS51 Datasheet
487Kb / 3P
   Violet Laser Diode Module
logo
Stackpole Electronics, ...
LPS5137 SEI-LPS5137 Datasheet
512Kb / 6P
   SMD Shielded Power Inductor
09/18/2019
LPS5137MT100 SEI-LPS5137MT100 Datasheet
512Kb / 6P
   SMD Shielded Power Inductor
09/18/2019
LPS5137MT101 SEI-LPS5137MT101 Datasheet
512Kb / 6P
   SMD Shielded Power Inductor
09/18/2019
LPS5137MT102 SEI-LPS5137MT102 Datasheet
512Kb / 6P
   SMD Shielded Power Inductor
09/18/2019
More results

Similar Description - LPS51

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDE405M-20-5 ROITHNER-RLDE405M-20-5 Datasheet
384Kb / 2P
   violet diode laser module
CW405-01 ROITHNER-CW405-01 Datasheet
487Kb / 3P
   Violet Laser Diode Module
RLDE405M-100-5 ROITHNER-RLDE405M-100-5 Datasheet
386Kb / 2P
   violet diode laser module
RLDE405M-50-5 ROITHNER-RLDE405M-50-5 Datasheet
384Kb / 2P
   violet diode laser module
RLTMLL-405 ROITHNER-RLTMLL-405 Datasheet
483Kb / 4P
   Violet Laser Diode Module
STAR450F5 ROITHNER-STAR450F5 Datasheet
334Kb / 1P
   compact violet laser diode module
STAR405F5 ROITHNER-STAR405F5 Datasheet
230Kb / 1P
   compact violet laser diode module
STAR450F10 ROITHNER-STAR450F10 Datasheet
336Kb / 1P
   compact violet laser diode module
STAR405F10 ROITHNER-STAR405F10 Datasheet
232Kb / 1P
   compact violet laser diode module
STAR405F20 ROITHNER-STAR405F20 Datasheet
232Kb / 1P
   compact violet laser diode module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com