Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA64C Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # SA64C
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA64C Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SA64C Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA64C Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA64C Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA64C Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SA64C Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A143
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SA SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless other
wise noted)
产品型号
(单向)
Part
Number(U
ni)
产品型号
(双向)
Part
Number(Bi)
击穿电压
VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
IR
Maximum
Reverse
Leakage IR @
VWM (μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流
IPP
Maximum
Reverse Surge
Current IPP
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最大温度系数
Maximum
Temperature
Coefficient of VBR
(%/°C)
最小
Min(V)
最大
Max (V)
测试电流
IT(mA)
SA20A
SA20CA
22.2
24.5
1.0
5.0
20
15.4
32.4
23
SA22
SA22C
24.4
29.8
1.0
5.0
22
22.7
39.4
28
SA22A
SA22CA
24.4
26.9
1.0
5.0
22
14.1
35.5
25
SA24
SA24C
26.7
32.6
1.0
5.0
24
11.6
43.0
31
SA24A
SA24CA
26.7
29.5
1.0
5.0
24
12.9
38.9
28
SA26
SA26C
28.9
35.3
1.0
5.0
26
10.7
46.6
31
SA26A
SA26CA
28.9
31.9
1.0
5.0
26
11.9
42.1
30
SA28
SA28C
31.1
38.0
1.0
5.0
28
10.0
50.1
35
SA28A
SA28CA
31.1
34.4
1.0
5.0
28
11.0
45.4
31
SA30
SA30C
33.3
40.7
1.0
5.0
30
9.3
53.5
39
SA30A
SA30CA
33.3
36.8
1.0
5.0
30
10.0
48.4
36
SA33
SA33C
36.7
44.9
1.0
5.0
33
8.5
59.0
42
SA33A
SA33CA
36.7
40.6
1.0
5.0
33
9.4
53.3
39
SA36
SA36C
40.0
48.9
1.0
5.0
36
7.8
64.3
46
SA36A
SA36CA
40.0
44.2
1.0
5.0
36
8.6
58.1
41
SA40
SA40C
44.4
54.3
1.0
5.0
40
7.0
71.4
51
SA40A
SA40CA
44.4
49.1
1.0
5.0
40
7.8
64.5
46
SA43
SA43C
47.8
58.4
1.0
5.0
43
6.5
76.7
55
SA43A
SA43CA
47.8
52.8
1.0
5.0
43
7.2
69.4
50
SA45
SA45C
50.0
61.1
1.0
5.0
45
6.2
80.3
58
SA45A
SA45CA
50.0
55.3
1.0
5.0
45
6.9
72.7
52
SA48
SA48C
53.3
65.2
1.0
5.0
48
5.8
85.5
63
SA48A
SA48CA
53.3
58.9
1.0
5.0
48
6.5
77.4
56
SA51
SA51C
56.7
69.3
1.0
5.0
51
5.5
91.1
66
SA51A
SA51CA
56.7
62.7
1.0
5.0
51
6.1
82.4
61
SA54
SA54C
60.0
73.3
1.0
5.0
54
5.2
96.3
71
SA54A
SA54CA
60.0
66.3
1.0
5.0
54
5.7
87.1
65
SA58
SA58C
64.4
78.7
1.0
5.0
58
4.9
103
78
SA58A
SA58CA
64.4
71.2
1.0
5.0
58
5.3
93.6
70
SA60
SA60C
66.7
81.5
1.0
5.0
60
4.7
107
80
SA60A
SA60CA
66.7
73.7
1.0
5.0
60
5.2
96.8
71
SA64
SA64C
71.1
86.9
1.0
5.0
64
4.4
114
86
SA64A
SA64CA
71.1
78.6
1.0
5.0
64
4.9
103
76
SA70
SA70C
77.8
95.1
1.0
5.0
70
4.0
125
94
SA70A
SA70CA
77.8
86.0
1.0
5.0
70
4.4
113
85
SA75
SA75C
83.3
102
1.0
5.0
75
3.7
134
101


Similar Part No. - SA64C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA64C PANJIT-SA64C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
RFE international
SA64C RFE-SA64C Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Won-Top Electronics
SA64C WTE-SA64C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SA64C UNSEMI-SA64C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Micro Commercial Compon...
SA64C MCC-SA64C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SA64C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com