Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74AC Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74AC
Description  HD74AC Series Common Information
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74AC Datasheet HTML 3Page - Hitachi Semiconductor HD74AC Datasheet HTML 4Page - Hitachi Semiconductor HD74AC Datasheet HTML 5Page - Hitachi Semiconductor HD74AC Datasheet HTML 6Page - Hitachi Semiconductor HD74AC Datasheet HTML 7Page - Hitachi Semiconductor HD74AC Datasheet HTML 8Page - Hitachi Semiconductor HD74AC Datasheet HTML 9Page - Hitachi Semiconductor HD74AC Datasheet HTML 10Page - Hitachi Semiconductor HD74AC Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
FACT Descriptions and Family Characteristics
6
We can calculate what current is required by looking at the Bergeron diagram. The quiescent voltage on
the line will be within 100 mV of either rail. We know what voltage is required to guarantee a valid
voltage at the receiver. This is either 70% or 30% of V
CC. The formula for calculating the current and
voltage required is | (V
OQ–VI)/ZO | at VI. For VOQ = 100 mV, VIH = 3.85 V, VCC = 5.5 V and ZO = 50 Ω, the
required I
OH at 3.85 V is 75 mA. For the high-to-low transition, VQQ = 5.4 V, VIL = 1.65 V, and ZO = 50 Ω,
I
OL is 75 mA at 1.65 V. FACT’s I/O specifications include these limits. For transmission lines with
impedances greater than 50
Ω, the current requirements are less and switching is still guaranteed.
It is important to note that the typical 24 mA drive specification is not adequate to guarantee incident wave
switching. The only way to guarantee this is to guarantee the current required to switch a transmission line
from the output quiescent point to the valid V
IN level.
The performance charts in figures 5 to 7 are provided in order to aid the designer in determining dynamic
output current drive of FACT devices with various power supply voltage.
Current (mA)
–50
–100
–150
–200 mA
0
–2
2
–1
1
0
3
4
5
6
7
VCC = 4.5 V
VCC = 5.5 V
VCC = 5.0 V
Figure 5 Output Characteristics V
OH/IOH, HD74AC00
Current (mA)
150
100
50
200 mA
0
–2
2
–1
1
0
3
4
5
6
7
VCC = 4.5 V
VCC = 5.0 V
VCC = 5.5 V
Figure 6 Output Characteristics V
OL/IOL, HD74AC00


Similar Part No. - HD74AC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC00 HITACHI-HD74AC00 Datasheet
43Kb / 7P
   Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
   Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
101Kb / 7P
   Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
HD74AC00P RENESAS-HD74AC00P Datasheet
101Kb / 7P
   Quad 2-Input NAND Gate
More results

Similar Description - HD74AC

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD200R12KE3 EUPEC-FD200R12KE3 Datasheet
172Kb / 9P
   Technische Information / technical information
FS50R12KT3 EUPEC-FS50R12KT3 Datasheet
316Kb / 8P
   echnische Information / technical information
logo
Infineon Technologies A...
DF900R12IP4DV INFINEON-DF900R12IP4DV Datasheet
1Mb / 9P
   Technische Information / Technical Information
2014-04-28 revision:2.0
DDB6U205N16L INFINEON-DDB6U205N16L Datasheet
285Kb / 7P
   Technische Information / Technical Information
rev.2
logo
eupec GmbH
FZ300R12KE3G EUPEC-FZ300R12KE3G Datasheet
288Kb / 8P
   Technische Information / technical information
BSM150GB120DLC EUPEC-BSM150GB120DLC Datasheet
90Kb / 8P
   Technische Information / Technical Information
FD800R33KF2C-K EUPEC-FD800R33KF2C-K Datasheet
307Kb / 8P
   Technische Information / technical information
logo
Infineon Technologies A...
FZ800R12KL4C INFINEON-FZ800R12KL4C Datasheet
411Kb / 8P
   Technische Information / Technical Information
2013-10-02 revision:3.1
FS225R12KE3 INFINEON-FS225R12KE3 Datasheet
576Kb / 9P
   Technische Information / Technical Information
2013-02-18 revision:3.1
DD400S45KL3_B5 INFINEON-DD400S45KL3_B5 Datasheet
610Kb / 7P
   Technische Information / Technical Information
2013-07-29 revision:3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com