Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9381 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9381
Description  Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9381 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9381 Datasheet HTML 1Page - Maxim Integrated Products MAX9381 Datasheet HTML 2Page - Maxim Integrated Products MAX9381 Datasheet HTML 3Page - Maxim Integrated Products MAX9381 Datasheet HTML 4Page - Maxim Integrated Products MAX9381 Datasheet HTML 5Page - Maxim Integrated Products MAX9381 Datasheet HTML 6Page - Maxim Integrated Products MAX9381 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX9381 differential data, differential clock D flip-
flop is pin compatible with the ON Semiconductor
MC100EP52, with the added benefit of a wider supply-
voltage range from 2.25V to 5.5V and 25% lower supply
current. Data enters the master part of the flip-flop
when the clock is low and is transferred to the outputs
upon a positive transition of the clock. Interchanging
the clock inputs allows the part to be used as a nega-
tive edge-triggered device. The MAX9381 utilizes input
clamping circuits that ensure the stability of the outputs
when the inputs are left open or at VEE.
The MAX9381 is offered in an 8-pin SO package and
the smaller 8-pin µMAX package.
Applications
Precision Clock and Data Distribution
Central Office
DSLAM
DLC
Base Station
ATE
Features
o 3.0GHz Guaranteed Operating Clock Frequency
o 0.2psRMS Added Random Jitter
o 328ps Typical Propagation Delay
o PECL Operation from VCC = 2.25V to 5.5V with
VEE = 0V
o ECL Operation from VEE = -2.25V to -5.5V with
VCC = 0V
o Input Safety Clamps Ensure Output Stability when
Inputs are Open or at VEE
o ±2kV ESD Protection (Human Body Model)
Lowest Power 3.0GHz ECL/PECL
Differential Data and Clock D Flip-Flop
________________________________________________________________ Maxim Integrated Products
1
Q
VEE
CLK
1
2
8
7
VCC
Q
D
CLK
D
SO/
µMAX
TOP VIEW
3
4
6
5
MAX9381
Pin Configuration
Ordering Information
75k
D
Q
Q
1
45
6
7
2
3
8
MAX9381
D
D
CLK
CLK
VEE
VCC
Q
Q
75k
75k
75k
Functional Diagram
19-2397; Rev 0; 4/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX9381ESA
-40°C to +85°C
8 SO
MAX9381EUA*
-40°C to +85°C
8 µMAX
*Future product—contact factory for availability.


Similar Part No. - MAX9381

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
MAX9381EUA MAXIM-MAX9381EUA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9381

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381ESA MAXIM-MAX9381ESA Datasheet
190Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com