Electronic Components Datasheet Search |
|
5.0SMDJ51 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd |
|
5.0SMDJ51 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd |
1 / 5 page 扬州扬杰电子科技股份有限公司 Yangzhou Yangjie Electronic Technology Co., Ltd. S-S003 Rev. 1.1, 28-Apr-14 www.21yangjie.com 5.0SMDJ SERIES 瞬变电压抑制二极管 Transient Voltage Suppressor Diodes ■特征 Features ■外形尺寸和印记 Outline Dimensions and Mark ●PPP 5000W ●VBR 5.0V-440V ■用途 Applications ●箝位电压用 Clamping Voltage ■极限值(绝对最大额定值) Limiting Values (Absolute Maximum Rating) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 最大损耗功率(1)(2) Peak power dissipation PPPM W 在10/1000us 波形下测试 with a 10/1000us waveform 5000 最大脉冲电流(1) Peak pulse current IPPM A 在10/1000us 波形下测试 with a 10/1000us waveform 见下面表格 See Next Table 功率损耗 Power dissipation PD W 无限散热片@ TA=50℃ on infinite heat sink at TA=50℃ 6.0 最大正向浪涌电流(2) Peak forward surge current IFSM A 8.3ms正弦半波,仅单向型 8.3 ms single half sine-wave unidirectional only 300 工作结温和存储温度范围 Operating junction and storage temperature range TJ,TSTG ℃ -55 to +150 ■电特性 (Ta=25℃ 除非另有规定) Electrical Characteristics(Ta=25 Unl ℃ ess otherwise specified) 参数名称 Item 符号 Symbol 单位 Unit 条件 Conditions 最大值 Max 最大瞬间正向电压 Maximum instantaneous forward Voltage VF V 在100A下测试,仅单向型 at 100A for unidirectional only 3.5 典型热阻 Thermal resistance RθJA ℃/W 结到环境 junction to ambient 75 RθJL ℃/W 结到引线 junction to lead 15 备注:Notes: (1) 不重复脉冲电流,如图3,在T A= 25 ℃下功率降额曲线见如图2。 Non-repetitive current pulse, per Fig. 3 and derated above T A= 25 p ℃ er Fig.2. (2) 每个端子安装在 0.31 x 0.31" (8.0 x 8.0 mm)铜焊盘上 Mounted on 0.31 x 0.31" (8.0 x 8.0 mm) copper pads to each terminal Dimensions in inches and (millimeters) DO-214AB(SMC) .280(7.11) .260(6.60) .245(6.22) .220(5.59) .129(3.27) .112(2.85) .103(2.61) .078(1.99) .060(1.52) .030(0.76) .008(0.20) .004(0.10) .012(0.31) .006(0.15) 0.119(3.03) 0.390 (9.90) Mounting Pad Layout 0.151 (3.84) 0.150 (3.82) .320(8.13) .305(7.75) COMPLIANT RoHS |
Similar Part No. - 5.0SMDJ51 |
|
Similar Description - 5.0SMDJ51 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |