Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC5387B Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SMC5387B
Description  Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMC5387B Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SMC5387B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMC5387B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMC5387B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMC5387B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMC5387B Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-S105
Rev. 1.2, 28-Apr-14
SMC5333B THRU SMC5388B
■Feature
■Outline Dimensions
●Pt
5W
●Vz
3.3V-200V
■Limiting Values (Absolute Maximum Rating, Ta=25℃ Unless otherwise specified)
Item
Symbol
Limit
Unit
Zener Current
IZ MAX
See Table
mA
Power dissipation @TL=75℃ ( Note 1 )
Pt
5
W
Forward voltage @IF = 200 mA
VF
1.2
V
Thermal Resistance (Between junction and ambient ,
Note1)
Rθ(ja)
28
/W
Junction temperature / Storage temperature range
TJ,TSTG
-55~+150
Notes 1. Ta-- With 5*5mm copper heatsink
COMPLIANT
RoHS


Similar Part No. - SMC5387B

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMC5387B ANOVA-SMC5387B Datasheet
252Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - SMC5387B

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
   Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
   Nominal values unless otherwise specified
logo
Fairchild Semiconductor
FYV0203DNMTF FAIRCHILD-FYV0203DNMTF Datasheet
83Kb / 4P
   Absolute Maximum Ratings TA 25C unless otherwise noted
logo
International Rectifier
IRF6662 IRF-IRF6662 Datasheet
271Kb / 9P
   DirectFet Power MOSFET Typical values (unless otherwise specified)
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
C2567NL PULSE-C2567NL Datasheet
179Kb / 2P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com