Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC5384B Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SMC5384B
Description  Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMC5384B Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMC5384B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMC5384B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMC5384B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMC5384B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMC5384B Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-S105
Rev. 1.2, 28-Apr-14
SMC5333B THRU SMC5388B
■电性参数 (TA=25℃ 除非另有规定)
Type (Note1)
Zener
voltage
V Z@IZT
IZT
Z ZT @IZT
Z ZK @IZK
I ZK
IR@VR
VR
V(BR)
I ZM @
50℃
( Note3)
V
mA
mA
μA
V
mA
SMC5333B
3.3
380
3
400
1
300
1.0
1440
SMC5334B
3.6
350
2.5
500
1
150
1.0
1320
SMC5335B
3.9
320
2
500
1
50
1.0
1220
SMC5336B
4.3
290
2
500
1
10
1.0
1100
SMC5337B
4.7
260
2
450
1
5
1.0
1010
SMC5338B
5.1
240
1.5
400
1
1
1.0
930
SMC5339B
5.6
220
1
400
1
1
2.0
856
SMC5340B
6.0
200
1
300
1
1
3.0
790
SMC5341B
6.2
200
1
200
1
1
4.0
765
SMC5342B
6.8
175
1
200
1
10
4.9
700
SMC5343B
7.5
175
1.5
200
1
10
5.4
630
SMC5344B
8.2
150
1.5
200
1
10
5.9
580
SMC5345B
8.7
150
2
200
1
10
6.3
545
SMC5346B
9.1
150
2
150
1
7.5
6.6
520
SMC5347B
10
125
2
125
1
5
7.2
475
SMC5348B
11
125
2.5
125
1
5
8
430
SMC5349B
12
100
2.5
125
1
2
8.6
395
SMC5350B
13
100
2.5
100
1
1
9.4
365
SMC5351B
14
100
2.5
75
1
1
10.1
340
SMC5352B
15
75
2.5
75
1
1
10.8
315
SMC5353B
16
75
2.5
75
1
1
11.5
295
SMC5354B
17
70
2.5
75
1
0.5
12.2
280
SMC5355B
18
65
2.5
75
1
0.5
13
265
SMC5356B
19
65
3
75
1
0.5
13.7
250
SMC5357B
20
50
3
75
1
0.5
14.4
237
SMC5358B
22
50
3.5
75
1
0.5
15.8
216
SMC5359B
24
50
3.5
100
1
0.5
17.3
198
SMC5360B
25
50
4
110
1
0.5
18
190
SMC5361B
27
50
5
120
1
0.5
19.4
176
SMC5362B
28
50
6
130
1
0.5
20.1
170
SMC5363B
30
40
8
140
1
0.5
21.6
158
SMC5364B
33
40
10
150
1
0.5
23.8
144
SMC5365B
36
30
11
160
1
0.5
25.9
132
SMC5366B
39
30
14
170
1
0.5
28.1
122
SMC5367B
43
30
20
190
1
0.5
31
110
SMC5368B
47
25
25
210
1
0.5
33.8
100
SMC5369B
51
25
27
230
1
0.5
36.7
93
SMC5370B
56
20
35
280
1
0.5
40.3
86
SMC5371B
60
20
40
350
1
0.5
43
79
SMC5372B
62
20
42
400
1
0.5
44.6
76
SMC5373B
68
20
44
500
1
0.5
49
70
SMC5374B 
75
20
45
620
1
0.5 
54
63
SMC5375B 
82
15
65
720
1
0.5
59
58
SMC5376B 
87
15
75
760
1
0.5
63
54.5
SMC5377B 
91
15
75
760
1
0.5
65.5
52.5
SMC5378B 
100
12
90
800
1
0.5
72
47.5
SMC5379B 
110
12
125
1000
1
0.5
79.2
43
SMC5380B 
120
10
170
1150
1
0.5
86.4
39.5
SMC5381B 
130
10
190
1250
1
0.5
93.2
36.6
SMC5382B 
140
8
230
1500
1
0.5 
101
34
SMC5383B 
150
8
330
1500
1
0.5 
108
31.6
SMC5384B 
160
8
350
1650
1
0.5 
115
29.4
SMC5385B 
170
8
380
1750
1
0.5 
122
28
SMC5386B 
180
5
430
1750
1
0.5 
130
26.4
SMC5387B 
190
5
450
1850
1
0.5 
137
25
SMC5388B 
200
5
480
1850
1
0.5 
144
23.6


Similar Part No. - SMC5384B

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMC5384B DCCOM-SMC5384B Datasheet
50Kb / 2P
   RECTIFIER SPECIALISTS
logo
Anova Technologies CO.,...
SMC5384B ANOVA-SMC5384B Datasheet
252Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - SMC5384B

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
   Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
   Nominal values unless otherwise specified
logo
Fairchild Semiconductor
FYV0203DNMTF FAIRCHILD-FYV0203DNMTF Datasheet
83Kb / 4P
   Absolute Maximum Ratings TA 25C unless otherwise noted
logo
International Rectifier
IRF6662 IRF-IRF6662 Datasheet
271Kb / 9P
   DirectFet Power MOSFET Typical values (unless otherwise specified)
IRF6655 IRF-IRF6655 Datasheet
257Kb / 10P
   DirectFET Power MOSFET Typical values (unless otherwise specified)
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
   UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
   UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
   UNLESS OTHERWISE SPECIFIED
C2567NL PULSE-C2567NL Datasheet
179Kb / 2P
   UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com