Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ14CA Datasheet(PDF) 6 Page - Yangzhou yangjie electronic co., ltd

Part # SMAJ14CA
Description  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ14CA Datasheet(HTML) 6 Page - Yangzhou yangjie electronic co., ltd

  SMAJ14CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMAJ SERIES 
 
6 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■ Outline Dimensions
DO-214AC(SMA)
Dim
Min
Max
A
1.25
1.58
B
2.40
2.83
C
4.25
4.75
D
1.90
2.30
E
4.93
5.28
F
0.76
1.41
G
0.08
0.20
H
0.15
0.31
■ Suggested Pad Layout
Dim
Min
P1
5.58
P2
1.66
Q1 
1.96
Q2 
2.04
Dimensions in millimeters
DO-214AC(SMA)
A
B
C
D
E
F
H
G
Dimensions in millimeters
P2
Q2
Q1
P1


Similar Part No. - SMAJ14CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ14CA BYTES-SMAJ14CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ14CA UMW-SMAJ14CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ14CA DIODES-SMAJ14CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ14CA PACELEADER-SMAJ14CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ14CA ANOVA-SMAJ14CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ14CA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com