Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS816132D-200 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GS816132D-200
Description  165 Bump BGA-x18 Commom I/O - Top View (Package D)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS816132D-200 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GS816132D-200 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS816132D-200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3/8
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Revision: 9/26/02
GS816118/32/36D
Supplemental Datasheet Information
165 Bump BGA—x32 Common I/O—Top View (Package D)
12345
6
789
10
11
ANC
A
E1
BC
BB
E3
BW
ADSC
ADV
A
NC
A
BNC
A
E2
BD
BA
CK
GW
G
ADSP
A
NC
B
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
NC
C
D
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
D
E
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
E
F
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
F
G
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
G
H
FT
MCL
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
H
J
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
J
K
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
K
L
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
L
M
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
M
NNC
NC
VDDQ
VSS
NC
A18
NC
VSS
VDDQ
NC
NC
N
PNC
NC
A
A
TDI
A1
TDO
A
A
A
A17
P
R
LBO
NC
A
A
TMS
A0
TCK
A
A
A
A
R
11 x 15 Bump BGA—13mm x 15 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS816132D-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS816132D ETC1-GS816132D Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS816132D-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D37BD-350 GSI-GS8342D37BD-350 Datasheet
506Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
GS8342DT07BGD-333I GSI-GS8342DT07BGD-333I Datasheet
507Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
logo
Everlight Electronics C...
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21UYOC-S530-A2-TR10 EVERLIGHT-67-21UYOC-S530-A2-TR10 Datasheet
146Kb / 10P
   Reverse Package Top View LEDs
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLS96400 ISSI-IS49NLS96400 Datasheet
575Kb / 34P
   576Mb (x9, x18) Separate I/O RLDRAM??2 Memory
logo
P-tec Corporation
PL00130-WCG11 P-TEC-PL00130-WCG11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG17 P-TEC-PL00130-WCG17_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
PL00130-WCG25 P-TEC-PL00130-WCG25_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package Top View
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com