Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52979F Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52979F
Description  2-CHANNEL SPD SENSOR BUILT-IN DETECT AMOUNT OF LIGHT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52979F Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52979F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52979F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52979F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52979F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52979F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI ICs (AV COMMON)
M52979F
2-CHANNEL SPD SENSOR BUILT-IN DETECT AMOUNT OF LIGHT
2
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C unless otherwise noted)
RECOMMENDED OPERATING CONDITION (Ta=25˚C unless otherwise noted)
ELECTRICALCHARACTERISTICS (Ta=25˚C,light source 4500˚C,illuminance:measured after transmitting products through
CM 500 filter, unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply voltage
-0.3 to 7.0
V
Pd
Power dissipation
180
mW
VIN
Input voltage
-0.3 to VCC+0.3
V
IO(max)
Output current
Pin VREF
10
mA
Pin TO and PO
1
Topr
Operating temperature
-20 to 60
˚C
Tstg
Storage temperature
30 to 85
˚C
Kq
Thermal derating
-3.0
mW/˚C
Symbol
Parameter
Limits
Unit
Min
Typ
Max
VCC
Supply voltage
2.8
5.0
6.5
V
Lopr1
Operating illminance "SP"
1 to 100000
lux
Lopr2
Operating illminance "AVE"
0.1 to 14400
lux
Symbol
Parameter
Test
poi
nt
Test Conditions
Limits
Unit
Min.
Typ.
Max.
ICC
Circuit current
9
illuminance:200 lux,POC:(2pin)"H"5
7
mA
POCH
H input voltage
2
value detected as "H"
VCC-0.8
V
POCL
L input voltage
2
Value detected as H(current pull-out)
VCC-2.2
V
PCCR
Non-operating current
2
10
µA
POCI
Ground current
2
-550
-80
µA
TOV
Absolute value of temperature sensor output
4
1270 1550 1730
mV
dTOV1
Supply voltage variance 1
4
Output voltage variance at VCC 3V
±0.2V
-5
5
mV
dTOV2
Supply voltage variance 2
4
Output voltage variance at VCC 4.65V
±1.85V
-45
45
mV
dTO1
Output voltage temperature coefficient
4
Ta=25˚C(reference),Ta=-15 to 40˚C
20.4
22.1
23.8 mV/˚C
dTO2
Accuracy of temperature sensor
4
Ta=10 to 40˚C
-1.2
1.2
˚C
4
Ta=-15 to 10˚C
-3.0
3.0
VREF
Absolute value of output at VREF pin
5
2300 2500 2700
mV
dVREF1
VREF output voltage load variance1
5
Load current:-2mA
-20
20
mV
dVREF2
VREF output voltage load variance2
5
Output voltage variance at VCC 3V
±0.2V
-5
5
mV
dVREF3
VREF output voltage load variance3
5
Output voltage variance at VCC 4.65V
±1.85V
-45
45
mV
VPOS
Absolute value of photometry output
10
SP side, illuminance 8 lux
1490 1750 1980
mV
dVPOS1
Photometry output supply voltage variance 1
10
SP side.Output voltage variance at VCC
3V
±0.2V
-5
5
mV
dVPOS2
Photometry output supply voltage variance 2
10
SP side.Output voltage variance at Vcc
4.65V
±1.85V
-45
45
mV
dEVS1
Varience per level (1EV)
10
SP side.Variance when illuminance changes
from 20 to 40
80
86
92
mV
dEVS2
Photometry output linearity
10
SP side,illuminance : 1 to 100000 lux
-0.3
0.3
mV
VPOA
Absolute value of photometry output
10
AVE side, illuminance 8 lux
1190 1400 1630
mV
dVPOA1
Photometry output supply voltage variance 1
10
AVE side.Output voltage variance at VCC
3V
±0.2V
-5
5
mV
dVPOA2
Photometry output supply voltage variance 2
10
AVE side.Output voltage variance at Vcc
4.65V
±1.85V
-45
45
mV
dEVA1
Variance per level (1EV)
10
AVE side.Variance when illuminance changes
from 20 to 40
80
86
92
mV
dEVA2
Photometry output linearity
10
AVE side,illuminance : 1 to 14400 lux
-0.3
0.3
EV
trs
Power supply response 1
10
SP side, illuminance 1 lux
25
60
ms
tra
Power supply response 2
10
AVE side, illuminance 0.1 lux
40
150
ms
trc1
Switching response 1
10
SP
AVE,illuminance 0.1 to 14400 lux
0.01
3
ms
trc2
Switching response 2
10
AVE
SP,illuminance 1 to 100000 lux
0.01
3
ms


Similar Part No. - M52979F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M5297 MICROSEMI-M5297 Datasheet
86Kb / 2P
   JIGH RELIABILITY CURRENT REGULATOR DIODES
logo
Mitsubishi Electric Sem...
M5297P MITSUBISHI-M5297P Datasheet
107Kb / 4P
   AC-DC TOTAL SYSTEM RESET IC
logo
Renesas Technology Corp
M5297P RENESAS-M5297P Datasheet
1Mb / 5P
   AC-DC TOTAL SYSTEM RESET IC
More results

Similar Description - M52979F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61016F MITSUBISHI-M61016F Datasheet
54Kb / 8P
   BUILTIN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
logo
Lumileds Lighting Compa...
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
logo
Torex Semiconductor
XC66D TOREX-XC66D Datasheet
207Kb / 11P
   Positive Voltage Regulators with Built - in Voltage Detect Functions
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Sharp Corporation
IS487 SHARP-IS487 Datasheet
54Kb / 4P
   Built-in Amp.Type OPIC Light Detector
IS435 SHARP-IS435 Datasheet
135Kb / 4P
   BUILT IN AMP TYPE LIGHT DETECTOR
logo
Lumileds Lighting Compa...
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com