Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL34 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SSL34
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SSL34 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SSL34 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SSL34 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SSL34 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SSL34 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSL34 THRU SSL310
Surface Mount Schottky Rectifier
Features
● Guardring for overvoltage protection
●Low forward voltage drop,Low power losses
● Extremely fast switching
● High forward surge capability
● High frequency operation
●Low forward voltage drop,Low power losses
● Solder dip 260 °C max. 10 s, per JESD 22-B106
Typical Applications
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
Mechanical Data
Package: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity: Color band denotes the cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
SSL34
SSL36
SSL310
Device marking code
SSL34
SSL36
SSL310
Repetitive Peak Reverse Voltage
V
RRM
V
40
60
100
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
I
O
A
3.0
Forward Surge Current (Non-repetitive)
@ 60Hz Half-sine wave,1 cycle, Ta=25℃
I
FSM
A
60
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+125
-55 ~+150
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
SSL34
SSL36
SSL310
Maximum instantaneous forward
voltage drop per diode
V
F
V
I
FM =3.0A
0.45
0.5
0.6
Maximum DC reverse current at
rated DC blocking voltage per diode
I
R
mA
Ta=25℃
0.50
Ta=100℃
50
COMPLIANT
RoHS
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S408
Rev. 2.0, 11-May-15
www.21yangjie.com


Similar Part No. - SSL34

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
49Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
RFE international
SSL34 RFE-SSL34 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifier
10-14-2022
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
129Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SSL34 MIC-SSL34 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SSL34 TSC-SSL34 Datasheet
383Kb / 2P
   3.0 AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
More results

Similar Description - SSL34

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com