Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9432DS Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9432DS
Description  Low-Voltage Dual SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9432DS Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9432DS Datasheet HTML 2Page - Vishay Siliconix DG9432DS Datasheet HTML 3Page - Vishay Siliconix DG9432DS Datasheet HTML 4Page - Vishay Siliconix DG9432DS Datasheet HTML 5Page - Vishay Siliconix DG9432DS Datasheet HTML 6Page - Vishay Siliconix DG9432DS Datasheet HTML 7Page - Vishay Siliconix DG9432DS Datasheet HTML 8Page - Vishay Siliconix DG9432DS Datasheet HTML 9Page - Vishay Siliconix DG9432DS Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG9432/9433/9434
Vishay Siliconix
New Product
Document Number: 72311
S-31643—Rev. A, 01-Aug-03
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
200
400
600
800
1000
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
- 0.0
0.2
0.4
0.6
0.8
0123456
0.0
0.5
1.0
1.5
2.0
2.5
02
46
8
10
12
14
Switching Threshold vs. Supply Voltage
V+ - Supply Voltage
Charge Injection at Source
VCOM - Analog Voltage (V)
V+ = 2.5 V
V+ = 5 V
Supply Current vs. Input Switching Frequency
Input Switching Frequency
0
2 M
10 M
4 M6 M8 M
100 K
- 120
1 M
-20
20
-40
100 M
1 G
Frequency (MHz)
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency
Crosstalk
Insertion Loss
- 3 dB = 260 MHz
10 M
0
-80
-60
V+ = 3, 5 V
RL = 50 W
Supply Current vs. Input Switching Frequency
Input Switching Frequency
0
2 M
10 M
4 M6 M8 M
OIRR
- 100


Similar Part No. - DG9432DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9432DS-T1-E3 VISHAY-DG9432DS-T1-E3 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9432DS-T1-E3 VISHAY-DG9432DS-T1-E3 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9432DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com