Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS1107 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # IS1107
Description  Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS1107 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  IS1107 Datasheet HTML 1Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 2Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 3Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 4Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 5Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 6Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 7Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 8Page - ISOCOM COMPONENTS IS1107 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 30/4/2013
DC93168
IS1100
ISOCOM
COMPONENTS
DESCRIPTION
The IS1100 series optocoupler consists of an
infrared emitting diode optically coupled to an
NPN silicon photo transistor.
This device belongs to Isocom Compact Range of
Optocouplers.
FEATURES
Half Pitch 1.27mm
High AC Isolation voltage 3750VRMS
CTR Selections Available
Wide Operating Temperature Range
-55°C to 110°C
Pb Free and RoHS Compliant
UL Approval E91231, Model THP
APPLICATIONS
Switching Mode Power Supply
Industrial System Controllers
Measuring Instruments
Signal Transmission between Systems of
Different Potentials and Impedances
ORDER INFORMATION
Available in Tape and Reel with 1000pcs
per reel
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail: sales@isocom.com.hk
All dimensions in mm.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
50mA
Reverse Voltage
6V
Power dissipation
70mW
Output Transistor
Collector to Emitter Voltage BVCEO
80V
Emitter to Collector Voltage BVECO
7V
Collector Current
50mA
Power Dissipation
150mW
Total Package
Isolation Voltage
3750VRMS
Total Power Dissipation
200mW
Operating Temperature
-55 to 110 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1
2
4
3


Similar Part No. - IS1107

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - IS1107

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
ISOCOM COMPONENTS
ISLT100X ISOCOM-ISLT100X Datasheet
842Kb / 11P
   Switching Mode Power Supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com