Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICPL3120G Datasheet(PDF) 5 Page - ISOCOM COMPONENTS

Part # ICPL3120G
Description  IGBT/MOSFET Gate Drive
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL3120G Datasheet(HTML) 5 Page - ISOCOM COMPONENTS

  ICPL3120G Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL3120G Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 28/09/2017
ICPL3120
DD93213
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (Typical Values at V
CC ̶ VEE = 30V and TA = 25°C,
Minimum and Maximum Values at Recommended Operating Conditions,
unless otherwise specified)
Note :
1.
A 0.1uF or bigger bypass capacitor must be connected across pin 8 and pin 5.
2.
PDD is the difference of t
PHL and tPLH between any two ICPL3120 under same test conditions.
3.
Common Mode Transient Immunity in High stage is the maximum tolerable negative dVCM/dt on the trailing edge of the common mode
impulse signal, VCM, to assure that the output will remain high (VO > 15V).
4.
Common Mode Transient Immunity in Low stage is the maximum tolerable positive dVCM/dt on the leading edge of the common mode
impulse signal, VCM, to assure that the output will remain low (VO < 1V).
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Insulation Voltage
VISO
R.H. = 40% - 60%, TA = 25°C
t = 1 min,
5000
V
Input - Output
Resistance
RI-O
VI-O = 500VDC
1012
Input - Output
Capacitance
CI-O
f = 1MHz
0.92
pF
ISOLATION


Similar Part No. - ICPL3120G

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
ICPL0453 ISOCOM-ICPL0453 Datasheet
547Kb / 10P
   DESCRIPTION
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
   ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ICPL0500 ISOCOM-ICPL0500 Datasheet
547Kb / 10P
   DESCRIPTION
More results

Similar Description - ICPL3120G

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com