Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAE63B Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LAE63B
Description  Traffic lights
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAE63B Datasheet(HTML) 3 Page - OSRAM GmbH

  LAE63B Datasheet HTML 1Page - OSRAM GmbH LAE63B Datasheet HTML 2Page - OSRAM GmbH LAE63B Datasheet HTML 3Page - OSRAM GmbH LAE63B Datasheet HTML 4Page - OSRAM GmbH LAE63B Datasheet HTML 5Page - OSRAM GmbH LAE63B Datasheet HTML 6Page - OSRAM GmbH LAE63B Datasheet HTML 7Page - OSRAM GmbH LAE63B Datasheet HTML 8Page - OSRAM GmbH LAE63B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.1
LA E63B
2016-06-02
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 100
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
70
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; TS = 25 °C)
IFM
100
mA
Reverse voltage 2) page 20
Sperrspannung 2) Seite 20
(T
S = 25 °C)
VR
12
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class 2)
V
ESD
2
kV


Similar Part No. - LAE63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
LAE63F OSRAM-LAE63F Datasheet
405Kb / 22P
   Power TOPLED Lens
LAE63F-V1AB-1-1+FBGB-24-1 OSRAM-LAE63F-V1AB-1-1+FBGB-24-1 Datasheet
405Kb / 22P
   Power TOPLED Lens
LAE63F OSRAM-LAE63F_16 Datasheet
405Kb / 22P
   Power TOPLED Lens
More results

Similar Description - LAE63B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
LVW5AM OSRAM-LVW5AM Datasheet
999Kb / 23P
   Traffic lights and signaling
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
Dialight Corporation
433-1110-000XL DIALIGHT-433-1110-000XL Datasheet
125Kb / 1P
   LED Traffic Modules
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
logo
Renesas Technology Corp
89TTM553 RENESAS-89TTM553 Datasheet
547Kb / 31P
   Traffic Manager Co-processor
March 3, 2005
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
   Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
   Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
   Machine Lights
0.24_2021-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com