Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOD050L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FOD050L
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD050L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD050L Datasheet HTML 1Page - Fairchild Semiconductor FOD050L Datasheet HTML 2Page - Fairchild Semiconductor FOD050L Datasheet HTML 3Page - Fairchild Semiconductor FOD050L Datasheet HTML 4Page - Fairchild Semiconductor FOD050L Datasheet HTML 5Page - Fairchild Semiconductor FOD050L Datasheet HTML 6Page - Fairchild Semiconductor FOD050L Datasheet HTML 7Page - Fairchild Semiconductor FOD050L Datasheet HTML 8Page - Fairchild Semiconductor FOD050L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6/14/04
Page 1 of 13
© 2004 Fairchild Semiconductor Corporation
LVTTL/LVCMOS 3.3V
HIGH SPEED TRANSISTOR
OPTOCOUPLERS
SINGLE-CHANNEL: FOD050L
FOD250L
DUAL-CHANNEL:
FOD053L
PACKAGE
SCHEMATIC
LED
On
Off
Truth Table
VO
LOW
HIGH
DESCRIPTION
The FOD250L, FOD050L and FOD053L optocouplers consist of an AlGaAs LED optically coupled to a high
speed photodetector transistor. These devices are specified for operation at a 3.3V supply voltage.
A separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional
phototransistor optocouplers by reducing the base-collector capacitance of the input transistor.
An internal noise shield provides superior common mode rejection of CMH = 50kV/ms (typical) and CML - 35kV/ms (typical).
FEATURES
•Low power consumption
High speed
•Available in single channel 8-pin DIP (FOD250L), 8-pin SOIC (FOD050L) or dual channel 8-pin SOIC (FOD053L)
Superior CMR – CMH = 50kV/µs (typical) and CML - 35kV/µs (typical)
Guaranteed performance over temperature: 0°C to 70°C
•U.L. recognized (File # E90700)
VDE pending
APPLICATIONS
Line receivers
Pulse transformer replacement
High speed logic ground isolation: LVTTL/LVCMOS
Wide bandwidth analog coupling
8
8
1
8
1
1
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
FOD053L
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
N/C
N/C
FOD050L, FOD250L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn