Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAP-420 Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # IAP-420
Description  Industrial IEEE 802.11 b/g/n wireless access point
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IAP-420 Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  IAP-420 Datasheet HTML 1Page - ORing Industrial Networking Corp IAP-420 Datasheet HTML 2Page - ORing Industrial Networking Corp IAP-420 Datasheet HTML 3Page - ORing Industrial Networking Corp IAP-420 Datasheet HTML 4Page - ORing Industrial Networking Corp IAP-420 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Ordering Information
IAP-AB0C
Code Definition
Wireless Mode
10/100 Base-T(X) Port Number
PoE Identification
Option
- 1: 802.11 b/g
- 2: 802.11 a
- 3: 802.11 a/b/g
- 4: 802.11 b/g/n
- 5: 802.11 a/n
- 6: 802.11 a/b/g/n
-"2": 2 ports
-"+": PoE P.D. present at
ETH1
Available
Model
Model Name
Description
IAP-420_US
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100Base-T(X), US band
IAP-420_EU
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100Base-T(X), EU band
IAP-420+_US
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100Base-T(X), 1-port PoE P.D.,
US band
IAP-420+_EU
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100Base-T(X), 1-port PoE P.D.,
EU band
Packing List
O
Optional Accessories
O
IAP-420/420+ x 1
Antenna x 1
Quick Installation Guide x 1
Wall-Mount Kit x 1
CD x 1
Din-Rail Kit x 1
DR-45 series : 45 Watts power supply
DR-120 series : 120 Watts power supply
RF Antenna Base (Magnetic) series
RF Surge Protector
DR-75 series : 75 Watts power supply
WLAN RF Antenna (Omni-directional) series
RF Cable series


Similar Part No. - IAP-420

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
IAP-04-D-3 FESTO-IAP-04-D-3 Datasheet
59Kb / 1P
   Cover plate
7/31/22
logo
ORing Industrial Networ...
IAP-620 ORING-IAP-620 Datasheet
1Mb / 6P
   Industrial IEEE 802.11 a/b/g/n wireless access
IAP-W420 ORING-IAP-W420 Datasheet
412Kb / 4P
   Industrial outdoor IEEE 802.11 b/g/n wireless access point
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
   Industrial outdoor IEEE 802.11 a/n wireless access point
More results

Similar Description - IAP-420

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
   Industrial IEEE 802.11 b/g/n wireless access point
IGAP-620 ORING-IGAP-620 Datasheet
656Kb / 6P
   Industrial IEEE 802.11 a/b/g/n wireless access point
IAP-W420 ORING-IAP-W420 Datasheet
412Kb / 4P
   Industrial outdoor IEEE 802.11 b/g/n wireless access point
TGAP-620 ORING-TGAP-620 Datasheet
469Kb / 6P
   Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
IGAP-820 ORING-IGAP-820 Datasheet
344Kb / 5P
   Industrial IEEE 802.11 ac/g/n wireless access point
IAP-620 ORING-IAP-620 Datasheet
1Mb / 6P
   Industrial IEEE 802.11 a/b/g/n wireless access
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
   Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
   Industrial outdoor IEEE 802.11 a/n wireless access point
logo
Advantech Co., Ltd.
EKI-6311G ADVANTECH-EKI-6311G Datasheet
515Kb / 1P
   802.11 b/g Wireless Access Point/Client Bridge
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
   IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com