Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1934X Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1934X
Description  Integrated Circuit Positive Voltage Regulator, 5V, 2A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1934X Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1934X
Integrated Circuit
Positive Voltage Regulator,
5V, 2A
Features:
D 3 Pin Plastic Package TO3P
D Only Output Capacitor is Externally Required
D Precise Setting Voltage of ±2%
D Wide Input Voltage Range
D Built–in Current Foldback Protection
D Ideal Combination of Passivated Power Transistor and High Reliability Flip–Chip Circuit
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
DC Input Voltage, VIN
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PC (TC =+ 25°C)
50W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(No Fin)
1.6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
2
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature Range, TJ
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Top
–20
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max
Unit
DC Input Voltage
VIN
IO = 2A
6
15
V
Output Voltage
VO
VIN = 8V, IO = 1A
4.9
5.0
5.1
V
Output Current
IO
0
2
A
Line Regulation
∆VLINE VIN = 6V to 15V, IO = 1A
10
30
mV
Load Regulation
∆VLOAD VIN = 8V, IO = 0 to 2A
40
100
mV
Temperature Coefficient
Kt
±0.5
mV/
°C
Ripple Rejection
RR
f = 100Hz to 120HZ
54
dB
Foldback Current
IS1
VIN = 8V
2.4
A


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn