Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FS04ZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY23FS04ZC
Description  Failsafe 2.5V/ 3.3V Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS04ZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY23FS04ZC Datasheet HTML 4Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 5Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 6Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 7Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 8Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 9Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 10Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 11Page - Cypress Semiconductor CY23FS04ZC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY23FS04
Document #: 38-07304 Rev. *B
Page 8 of 12
Calculated value of the pullability range for the XTAL with
C0/C1 ratio of 200, 300 and 400 are shown in Table 3. For this
calculation Cl(min) = 8 pF and Cl(max)= 32 pF has been used.
Using a XTAL that has a nominal frequency specified at load
capacitance of 14 pF, almost symmetrical pullability range has
been obtained.
Next, it is important to calculate the pullability range including
error tolerances. This would be the capture range of the input
reference frequency that the FailSafe device and XTAL combi-
nation would reliably span.
Calculating the capture range involves subtracting error toler-
ances as follows:
Parameter........................................................ f error (ppm)
Manufacturing frequency tolerance ...................................15
Temperature stability ..........................................................30
Aging ................................................................................... 3
Board / trace variation ......................................................... 5
Total ....................................................................................53
Example: Capture Range for XTAL with C0/C1 Ratio of 200
Negative Capture Range= –385 ppm + 53 ppm = –332 ppm
Positive Capture Range = 333 ppm – 53 ppm = +280 ppm
It is important to note that the XTAL with lower C0/C1 ratio has
wider pullability/capture range as compared to the higher
C0/C1 ratio. This will help the user in selecting the appropriate
XTAL for use in the FailSafe application.
Figure 8. Frequency vs. Cload Behavior for Example XTAL
Pullability Range Vs. Cload
(Normalized to 14pF Cload)
-400.00
-300.00
-200.00
-100.00
0.00
100.00
200.00
300.00
400.00
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34
Cload (pF)
C0/C1 = 200
C0/C1 = 300
C0/C1 = 400
Table 3. Pullability Range fro XTAL with Different C0/C1
Ratio
C0/C1 Ratio
Cload(min.) Cload(max.)
Pullability
Range
200
8.0
32.0
–385 333
300
8.0
32.0
–256 222
400
8.0
32.0
–192 166


Similar Part No. - CY23FS04ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS04ZC CYPRESS-CY23FS04ZC Datasheet
215Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS04ZCT CYPRESS-CY23FS04ZCT Datasheet
215Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
More results

Similar Description - CY23FS04ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FS08 CYPRESS-CY23FS08_06 Datasheet
271Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08 Datasheet
238Kb / 12P
   Failsafe 2.5V/ 3.3V Zero Delay Buffer
CY23FS04-2 CYPRESS-CY23FS04-2 Datasheet
374Kb / 12P
   Failsafe??2.5V/3.3V Zero Delay Buffer
CY23FS04 CYPRESS-CY23FS04_05 Datasheet
215Kb / 12P
   Failsafe??2.5V/ 3.3V Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com