Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY-2.W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNY-2.W
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY-2.W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNY-2.W Datasheet HTML 1Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 2Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 3Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 4Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 5Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 6Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 7Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 8Page - Fairchild Semiconductor CNY-2.W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +150
°C
Operating Temperature
TOPR
All
-55 to +100
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Total Device Power Dissipation @ 25°C (LED plus detector)
Derate Linearly From 25°C
PD
-M
250
mW
non -M
260
-M
2.94
mW/°C
non -M
3.50
EMITTER
Continuous Forward Current
IF
-M
60
mA
non -M
90
Reverse Voltage
VR
All
6
V
Forward Current - Peak (1 µs pulse, 300 pps)
IF (pk)
-M
1.5
A
non -M
3.0
LED Power Dissipation 25°C Ambient
Derate Linearly From 25°C
PD
-M
120
mW
non -M
135
-M
1.41
mW/°C
non -M
1.8
DETECTOR
Detector Power Dissipation @ 25°C
Derate Linearly from 25°C
PD
-M
150
mW
non -M
200
-M
1.76
mW/°C
non -M
2.67
Parameters
Test Conditions
Symbol
Device
Min
Typ
Max
Units
EMITTER
Input Forward Voltage
IF = 60 mA
VF
-M
1.35
1.65
V
IF = 10 mA
non -M
1.15
1.50
Capacitance
VF = 0 V, f = 1.0 MHz
CJ
non -M
50
pF
-M
18
Reverse Leakage Current VR = 6 V
IR
All
0.001
10
µA
DETECTOR
Breakdown Voltage
Collector to Emitter
Collector to Base
Emitter to Collector
IC = 1.0 mA, IF = 0
IC = 10 µA, IF = 0
IE = 100 µA, IF = 0
BVCEO
BVCBO
BVECO
All
All
All
70
70
7
100
120
10
V
V
V
Leakage Current
Collector to Emitter
Collector to Base
VCE = 10 V, IF = 0
VCB = 10 V, IF = 0
ICEO
ICBO
All
All
150
20
nA
nA
Capacitance
Collector to Emitter
Collector to Base
Emitter to Base
VCE = 0, f = 1 MHz
VCB = 0, f = 1 MHz
VEB = 0, f = 1 MHz
CCE
CCB
CEB
All
All
All
8
20
10
pF
pF
pF


Similar Part No. - CNY-2.W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY117F VISHAY-CNY117F Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-1 VISHAY-CNY117F-1 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-2 VISHAY-CNY117F-2 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-3 VISHAY-CNY117F-3 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
More results

Similar Description - CNY-2.W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com