Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRZ10 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CRZ10
Description  TOSHIBA Zener Diode Silicon Epitaxial Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRZ10 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CRZ10 Datasheet HTML 1Page - Toshiba Semiconductor CRZ10 Datasheet HTML 2Page - Toshiba Semiconductor CRZ10 Datasheet HTML 3Page - Toshiba Semiconductor CRZ10 Datasheet HTML 4Page - Toshiba Semiconductor CRZ10 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CRY62~CRZ47
2002-08-29
4
Power dissipation P
(W)
Ta max – P
Pulse width tW (ms)
PRSM – tW
Zenner voltage VZ (V)
=T – VZ
(typ.)
Zenner voltage VZ (V)
=T – VZ
(typ.)
CRZ30~CRZ47
25
26
46
30
38
50
40
35
30
34
42
Time t (s)
rth (j-a) – t
(2)
(1)
(1) Device mounted on a ceramic board
Soldering land: 2 mm
´ 2 mm
(2) Device mounted on a glass-epoxy board
Soldering land: 6 mm
´ 6 mm
1
10
1000
10000
0.001
0.01
0.1
100
1
10
100
3
0.01
1
3
10
5
0.1
0.3
0.03
10
30
50
100
300
500
1000
Recommended
Rectangular pulse
Ta
= 25°C
PRSM
tW
CRY62~CRZ27
0
0
20
4
12
24
28
25
10
15
20
5
8
16
0
0
0.6
0.2
0.4
0.8
1.0
160
40
60
100
80
120
20
140
Device mounted on a glass-epoxy
board
Soldering land: 6 mm
´ 6 mm


Similar Part No. - CRZ10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRZ10 TOSHIBA-CRZ10 Datasheet
159Kb / 5P
   Zener Diode Silicon Epitaxial Type
More results

Similar Description - CRZ10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUZ12V TOSHIBA-CUZ12V Datasheet
2Mb / 16P
   TOSHIBA Zener Diode Silicon Epitaxial Planar Type
2020-10-26
CSLZ TOSHIBA-CSLZ Datasheet
1Mb / 16P
   TOSHIBA Zener Diode Silicon Epitaxial Planar Type
2022-05-24 Rev.1.0
2Z27A TOSHIBA-2Z27A Datasheet
111Kb / 3P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
   TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
   TOSHIBA Zener Diode Silicon Diffused Type
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com