Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ3-2412S Datasheet(PDF) 5 Page - Recom International Power

Part # RKZ3-2412S
Description  3 Watt SIP7 Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ3-2412S Datasheet(HTML) 5 Page - Recom International Power

  RKZ3-2412S Datasheet HTML 1Page - Recom International Power RKZ3-2412S Datasheet HTML 2Page - Recom International Power RKZ3-2412S Datasheet HTML 3Page - Recom International Power RKZ3-2412S Datasheet HTML 4Page - Recom International Power RKZ3-2412S Datasheet HTML 5Page - Recom International Power RKZ3-2412S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
EN55032, Class B
Information technology equipment - Immunity characteristics - Limits
and methods of measurement
EN55024+A1
ESD Electrostatic discharge immunity test
Air: ±8kV; Contact: ±4kV
EN61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
DC Power Port ±0.5kV
EN61000-4-4, Criteria A
Surge Immunity (7)
DC Power Port ±0.5kV
DC Output Port ±0.5kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency
fields
DC Power Port 3V
DC Output Port 3V
EN61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8, Criteria A
DC/DC Converter
Specifications (measured @ ta= 25°C, nom. Vin, full load unless otherwise specified)
RKZ3
Series
ECO-5
REV.: 2/2017
www.recom-power.com
EMC Filtering according to EN55032
Surge Test Circuit
Component List Class B
C1
C2
L1
+Vin
-Vin
+Vout
-Vout
C1
+Vin
-Vin
+Vout
-Vout
Input Voltage
C1
C2
L1
5Vin
4.7µF MLCC
470pF /
5kVDC
10µH Choke
12Vin
24Vin
2.2µF MLCC
22µH Choke
Test Voltage
C1
±0.5kV
100µF E-Cap
±1kV
220µF E-Cap
Notes:
Note7: An external input filter capacitor is required if the model has to meet EN61000-4-5. See below circuit:
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
PCB
black plasitc, (UL94V-0)
silicone, (UL94V-0)
FR4, (UL94V-0)
Package Dimension (LxWxH)
19.6 x 7.5 x 12.2mm
Package Weight
2.8g typ.
continued on next page


Similar Part No. - RKZ3-2412S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ3.0AKU RENESAS-RKZ3.0AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.0B2KJ RENESAS-RKZ3.0B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ3.0BKU RENESAS-RKZ3.0BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3AKU RENESAS-RKZ3.3AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3B2KJ RENESAS-RKZ3.3B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results

Similar Description - RKZ3-2412S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
   1 Watt SIP7 Single Output
REV.: 0/2023
RE RECOM-RE Datasheet
98Kb / 2P
   1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
   1 Watt SIP7 Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com