Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC15-xx05D Datasheet(PDF) 3 Page - Recom International Power

Part # REC15-xx05D
Description  15 Watt DIP24 Metal Case Single and Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-xx05D Datasheet(HTML) 3 Page - Recom International Power

  REC15-xx05D Datasheet HTML 1Page - Recom International Power REC15-xx05D Datasheet HTML 2Page - Recom International Power REC15-xx05D Datasheet HTML 3Page - Recom International Power REC15-xx05D Datasheet HTML 4Page - Recom International Power REC15-xx05D Datasheet HTML 5Page - Recom International Power REC15-xx05D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
3.4Vout
all other
±1.2% max.
±1.0% max.
Line Regulation
±0.3% max.
Load Regulation
25% to 100% load
Single
Dual
±0.5% max.
±1.2% max.
Cross Regulation
dual output only
25% to 100% load
±5.0% max.
continued on next page
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
REC15-S_D(Z)/M
Series
ECO-3
REV.: 0/2017
www.recom-power.com
Efficiency vs. Load
REC15-485.1SZ/H2/M
REC15-245.1SZ/H2/M
REC15-485.1SZ/H2/M
REC15-2415D/H2/M
REC15-2412S/H2/M
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
18Vin
24Vin
36Vin
48Vin
54Vin
75Vin
3.0
0
1.0
0.5
1.5
2.0
2.5
-1.0
+1.0
+0.5
0
-0.5
Output Current [A]
3.0
0
1.0
0.5
1.5
2.0
2.5
-1.0
+1.0
+0.5
0
-0.5
Output Current [A]
1.25
0
0.5
0.25
0.75
1.0
Output Current [A]
-1.0
+1.0
+0.5
0
-0.5
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Current [%]
18Vin
24Vin
30Vin
36Vin
Accuracy vs. Load
(@ min Vin to max. Vin)


Similar Part No. - REC15-xx05D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-xx05D/H/M RECOM-REC15-xx05D/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
REC15-XX05DRWB RECOM-REC15-XX05DRWB Datasheet
95Kb / 2P
   REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
REC15-XX05DRWBZ RECOM-REC15-XX05DRWBZ Datasheet
95Kb / 2P
   REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
REC15-xx05DZ/H/M RECOM-REC15-xx05DZ/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
More results

Similar Description - REC15-xx05D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com