Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ3-2405S Datasheet(PDF) 6 Page - Recom International Power

Part # RKZ3-2405S
Description  3 Watt SIP7 Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ3-2405S Datasheet(HTML) 6 Page - Recom International Power

  RKZ3-2405S Datasheet HTML 1Page - Recom International Power RKZ3-2405S Datasheet HTML 2Page - Recom International Power RKZ3-2405S Datasheet HTML 3Page - Recom International Power RKZ3-2405S Datasheet HTML 4Page - Recom International Power RKZ3-2405S Datasheet HTML 5Page - Recom International Power RKZ3-2405S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RKZ3
Series
Specifications (measured @ ta= 25°C, nom. Vin, full load unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 2/2017
www.recom-power.com
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tube
520.0 x 22.1 x 10.2mm
Packaging Quantity
24pcs
Storage Temperature Range
-55°C to +125°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Dimension Drawing (mm)
Pin Connection
Pin #
Single
1
+Vin
2
-Vin
5
-Vout
7
+Vout
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.25mm
Pin dimension:
±0.1mm
0.75
7.5
1.00 Ø +0.15/-0
19.6
6 x 2.54 = 15.24
2.0
0.25
2.54
1 2
7
5
Marking
embossed logo
Bottom View
Top View
Recommended Footprint Details


Similar Part No. - RKZ3-2405S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ3.0AKU RENESAS-RKZ3.0AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.0B2KJ RENESAS-RKZ3.0B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ3.0BKU RENESAS-RKZ3.0BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3AKU RENESAS-RKZ3.3AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ3.3B2KJ RENESAS-RKZ3.3B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results

Similar Description - RKZ3-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
   1 Watt SIP7 Single Output
REV.: 0/2023
RE RECOM-RE Datasheet
98Kb / 2P
   1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
   1 Watt SIP7 Single Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com