Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC15-xx3.4S Datasheet(PDF) 4 Page - Recom International Power

Part # REC15-xx3.4S
Description  15 Watt DIP24 Metal Case Single and Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-xx3.4S Datasheet(HTML) 4 Page - Recom International Power

  REC15-xx3.4S Datasheet HTML 1Page - Recom International Power REC15-xx3.4S Datasheet HTML 2Page - Recom International Power REC15-xx3.4S Datasheet HTML 3Page - Recom International Power REC15-xx3.4S Datasheet HTML 4Page - Recom International Power REC15-xx3.4S Datasheet HTML 5Page - Recom International Power REC15-xx3.4S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating (see graph)
2:1 Input
4:1 Input
-40°C to +100°C
-40°C to +90°C
Maximum Case Temperature
+100°C
Thermal Impedance
0.1m/s (natural convection)
12°C/W
Temperature Coefficient
±0.05% max.
Temperature Coefficient
±0.05% max.
Operating Altitude
2000m max.
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
Vibration
10-55Hz, 2G, 30min along X,Y and Z
MTBF
according to MIL-HDBK-217F,
G.B.
+25°C
+71°C
700 x 103 hours
150 x 103 hours
continued on next page
REC15-S_D(Z)/M
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-4
REV.: 0/2017
www.recom-power.com
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
W
continuous, auto recovery
Over Load Protection (OLP)
150% typ., Hiccup mode
Isolation Voltage (7)
/H2 verions
tested for 1 second
2kVDC
rated for 1 minute
1kVAC
/H3 verions
tested for 1 second
3kVDC
rated for 1 minute
1.5kVAC
Isolation Resistance
1G
W min.
Isolation Capacitance
1200pF max.
Insulation Grade
basic
Means of Protection
none
Leakage Current
2µA typ.
Internal and External
Clearance
Creepage
≥ 3.4mm
≥ 3.4mm
Notes:
Note7: For repeat Hi-Pot testing, reduce the time and/or the test voltage.
Note8: An input fuse is required if the mains supply is not over-current protected. Recommended fuse: T4A slow blow type
REC15-2415DZ/H2/M
Positive Vout
Negative Vout
0.5
0
0.2
0.1
0.3
0.4
+1.0
+0.5
0
-0.5
-1.0
Output Current [A]
0.5
0
0.2
0.1
0.3
0.4
-1.0
+1.0
+0.5
-0.5
0
Output Current [A]
Accuracy vs. Load
(@ min Vin to max. Vin)


Similar Part No. - REC15-xx3.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-xx3.4S/H/M RECOM-REC15-xx3.4S/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
REC15-xx3.4SZ/H/M RECOM-REC15-xx3.4SZ/H/M Datasheet
120Kb / 2P
   The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2?쓝1??package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
More results

Similar Description - REC15-xx3.4S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com