Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93HC46JATE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93HC46JATE13
Description  1-kb High Speed Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93HC46JATE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93HC46JATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93HC46JATE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CAT93HC46
1-kb High Speed Microwire Serial EEPROM
FEATURES
s High speed operation: 4 MHz @ 5.0 V
s 1.8 to 5.5 volt operation
s Selectable x8 or x16 word organization
s Sequential Read
s Software write protection
s Power-up inadvertent write protection
s Low power CMOS technology
s 1,000,000 program/erase cycles
s 100 year data retention
s Industrial and extended temperature ranges
s 8-Lead PDIP, SOIC, MSOP and TSSOP
packages
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (J, W)
DESCRIPTION
The CAT93HC46 is a 1-kb Serial EEPROM memory
device which is configured as registers of either 16 bits
(ORG pin at VCC) or 8 bits (ORG pin at GND). Each
register can be written (or read) serially by using the DI
(or DO) pin. The CAT93HC46 is manufactured using
Catalyst’s advanced CMOS EEPROM floating gate
SOIC Package (S, V)
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, the X16
organization is selected. When it is connected to ground,
the X8 pin is selected. If the ORG pin is left unconnected,
then an internal pullup device will select the X16
organization.
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TSSOP Package (U, Y)
8
7
6
5
VCC
ORG
GND
DI
CS
SK
DO
1
2
3
4
NC
Doc. No. 1008,Rev. G
MSOP Package (R, Z)
ALO
GEN FR
TM
LEAD FREE
technology. The device is designed to endure 1,000,000
program/erase cycles and has a data retention of 100
years. The CAT93HC46 is available in 8-pin DIP, SOIC,
MSOP or TSSOP packages.
CS
SK
DI
DO
VCC
NC
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
VCC
CS
SK
ORG
GND
DO
DI
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
NC
NC
NC
VCC
DO
ORG
DI
SK
CS
VSS
CAT93HC46
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
1.8 to 5.5 V Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection


Similar Part No. - CAT93HC46JATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46JATE13 CATALYST-CAT93HC46JATE13 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results

Similar Description - CAT93HC46JATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com