Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR8100 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # MBR8100
Description  SCHOTTKY Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBR8100 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  MBR8100 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBR8100 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-B146
Rev.1.1, 29-Nov-14
MBR880 THRU MBR8200
■ 特性曲线(典型) Characteristics(Typical)
020
40
60
80
100
0.1
1.0
10
100
1000
VRRM(%)
Tj=100
Tj=25
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
0
0
Tc(℃)
图1:正向电流降额曲线
50
100
FIG1: IF(AV)--Tc Derating
150
IN DC
2.0
4.0
6.0
8.0
10.0
TC measure point
12.0
14.0
0.2 0.3
0.4
0.5
0.6 0.7
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
60
5.0
Ta=25
0.8
0.9 1.0
0.1
0
80~100V
150V
200V
100
1.1 1.2
1
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
Number of Cycles at 60Hz
60
80
100
120
8.3ms Single
Half Since-Wave
JEDEC Method
140
40
20


Similar Part No. - MBR8100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR8100 DIODES-MBR8100 Datasheet
63Kb / 2P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
logo
Sirectifier Semiconduct...
MBR8100 SIRECTIFIER-MBR8100 Datasheet
91Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
MBR8100 BILIN-MBR8100 Datasheet
200Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBR8100 ZSELEC-MBR8100 Datasheet
174Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
logo
Sirectifier Semiconduct...
MBR8100 SIRECTIFIER-MBR8100 Datasheet
82Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR8100

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com