Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVM6946-RAJA Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OVM6946-RAJA
Description  low power consumption
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OVM6946-RAJA Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OVM6946-RAJA Datasheet HTML 1Page - OmniVision Technologies, Inc. OVM6946-RAJA Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬ Medical, Dental, Veterinarian, Industrial Endoscopes
Applications
¬
¬
¬
¬
¬
optical size of 1/18"
non-autoclavable
analog output
automatic/manual control of exposure
and gain
on-chip PLL
low power consumption
single 3.3V power supply
serial peripheral interface (SPI)
OmniBSI+™ pixel structure using
0.11 µm process
¬
¬
¬
¬
Product Features
¬
OVM6946-RAJA
(color, lead-free) CameraCubeChip™ with black coating
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 400 x 400
power supply:
- analog: 3.3V ± 5%
power requirements:
25 mW (with IO consumption)
temperature range:
- operating: -20°C to +70°C junction
temperature
- stable image: 0°C to +50°C junction
temperature
output formats: analog signal output
lens size: 1/18"
diagonal field of view (FOV): 120°
f no.: 5.0
focal length: 0.418 mm
frame rate:
- 160 Kpixel (400x400): 30 fps
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum exposure: 876 x TLINE
minimum exposure time: 72.15 µs
scan mode: progressive
max S/N ratio: 36.8 dB
dynamic range: 65.8 dB @ 4x gain
sensitivity: 1000 mV/Lux-sec
color mosaic: RGB Bayer pattern
pixel size: 1.75 µm x 1.75 µm
dark current: 42 e-/sec
@ 60°C junction temperature
image area: 714 µm x 707 µm
net weight: 4.62 mg
package dimensions
(including ball height):
1050 x 1050 x 2266 µm
Product Specifications
Version 1.1, October, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. CameraCubeChip and OmniBSI+ are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OVM6946
Functional Block Diagram
OVM6946
column
sample/hold
PLL
control
register bank
output +
SPI interface
SCCB slave interface
timing generator and
system control logic
image
array
gain control
AMP


Similar Part No. - OVM6946-RAJA

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6948 OMNIVISION-OVM6948 Datasheet
486Kb / 2P
   Miniature Camera Module Provides High-Quality Imaging for Disposable Medical Guidewires, Catheters and Endoscopes
OVM6948-RALA OMNIVISION-OVM6948-RALA Datasheet
486Kb / 2P
   Miniature Camera Module Provides High-Quality Imaging for Disposable Medical Guidewires, Catheters and Endoscopes
More results

Similar Description - OVM6946-RAJA

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com