Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY1SG Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWY1SG
Description  Backlighting
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY1SG Datasheet(HTML) 4 Page - OSRAM GmbH

  LWY1SG_14 Datasheet HTML 1Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 2Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 3Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 4Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 5Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 6Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 7Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 8Page - OSRAM GmbH LWY1SG_14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2015-06-12
4
Version 2.5
LW Y1SG
Characteristics (TA = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 22
Farbkoordinaten nach CIE 1931 2) Seite 22
(typ.)
(typ.)
Cx
Cy
0.3
0.28
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 22 , 4) page 22
Durchlassspannung 3) Seite 22 , 4) Seite 22
(min.)
(typ.)
(max.)
VF
VF
V
F
2.90
3.30
3.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Temperature coefficient of x
Temperaturkoeffizient von x
(typ.)
TCx
-0.2
10
-3/K
Temperature coefficient of y
Temperaturkoeffizient von y
(typ.)
TCy
-0.2
10
-3/K
Real thermal resistance junction / ambient 5) page 22 ,
6) page 22
Realer Wärmewiderstand Sperrschicht / Umgebung
5) Seite 22 , 6) Seite 22
(max.)
Rth JA real
460
K/W
Real thermal resistance junction / solder point
6) page 22
Realer Wärmewiderstand Sperrschicht / Lötpad
6) Seite 22
(max.)
Rth JS real
240
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LWY1SG_14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
   Micro SIDELED 2808
More results

Similar Description - LWY1SG_14

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
   Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
   Backlighting
LWQ38G OSRAM-LWQ38G Datasheet
562Kb / 22P
   Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
   Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
   Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
   Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
   Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
   Backlighting
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
   Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
   Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com