Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS4N65VE Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS4N65VE
Description  Electronic ballast
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS4N65VE Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS4N65VE Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VE Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
R
JCS4N65E
版本:201607C
6/13
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
-75
-50
-25
0
25
50
75
100
125
150
0.90
0.95
1.00
1.05
1.10
1.15
Notes
1. V
GS=0V
2. I
D=250μA
T
j [
]
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
Maximum Safe Operating Area
For JCS4N65FE(TO-220MF-K1/K2)
Maximum Drain Current
vs. Case Temperature
-75
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes
1. V
GS=10V
2. I
D=2.0A
T
j[
]
Maximum Safe Operating Area
For JCS4N65RE/VE


Similar Part No. - JCS4N65VE

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65VE-O-I-N-B JSMC-JCS4N65VE-O-I-N-B Datasheet
996Kb / 16P
   LED power supply
JCS4N65VE-R-I-N-B JSMC-JCS4N65VE-R-I-N-B Datasheet
996Kb / 16P
   LED power supply
JCS4N65VE-R-VN2-N-B JSMC-JCS4N65VE-R-VN2-N-B Datasheet
996Kb / 16P
   LED power supply
JCS4N65VEI-O-I-N-B JSMC-JCS4N65VEI-O-I-N-B Datasheet
730Kb / 11P
   LED power supply
JCS4N65VEI-R-I-N-B JSMC-JCS4N65VEI-R-I-N-B Datasheet
730Kb / 11P
   LED power supply
More results

Similar Description - JCS4N65VE

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
   Electronic ballast
JCS6N70BC JSMC-JCS6N70BC Datasheet
2Mb / 21P
   Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
   Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
   Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
   Electronic ballast
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
   Electronic Dimming Ballast Controller
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
   Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
   Electronic Dimming Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com