Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBR30100VZ Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HBR30100VZ
Description  SCHOTTKY BARRIER DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR30100VZ Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR30100VZ Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR30100VZ Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
HBR30100V
版本(Rev.):201605C
2/9
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
Parameter
Symbol
Value
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
100
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
100
V
正向平均整流电流
Average forward
current
TC=150℃
(TO-220/TO-263/
TO-3PB/TO-247)
TC=125℃
(TO-220HF)
整个器件
per device
per diode
IF(AV)
30
15
A
正向峰值浪涌电流
Surge non repetitive
forward current
(额定负载 8.3ms 半正弦波—按 JEDEC 方法)
8.3 ms single half-sine-wave (JEDEC Method)
IFSM
300
A
最高结温
Maximum junction temperature
Tj
175
储存温度
Storage temperature range
TSTG
-40~+150
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻
Thermal resistance from
junction to case
TO-220
TO-263
TO-220HF
TO-3PB
TO-247
Rth(j-c)
1.8
1.8
3.0
2.0
2.0
/W
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
Tj =25℃
50
μA
IR
Tj =125℃
VR=VRRM
30
mA
Tj =25℃
0.55
0.62
V
Tj =125℃
IF=5A
0.46
0.50
V
Tj =25℃
0.64
0.68
V
Tj =125℃
IF=10A
0.54
0.58
V
Tj =25℃
0.71
0.78
V
VF
Tj =125℃
IF=15A
0.58
0.65
V


Similar Part No. - HBR30100VZ

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR30100 JSMC-HBR30100 Datasheet
406Kb / 8P
   SCHOTTKY BARRIER DIODE
logo
Inchange Semiconductor ...
HBR30100 ISC-HBR30100 Datasheet
219Kb / 2P
   Schottky Barrier Rectifier
logo
JILIN SINO-MICROELECTRO...
HBR30100A JSMC-HBR30100A Datasheet
395Kb / 7P
   SCHOTTKY BARRIER DIODE
HBR30100AAB JSMC-HBR30100AAB Datasheet
395Kb / 7P
   SCHOTTKY BARRIER DIODE
HBR30100AABR JSMC-HBR30100AABR Datasheet
395Kb / 7P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - HBR30100VZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com