Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7470 Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7470
Description  Temperature Sensor Hub and Fan Controller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7470 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7470_17 Datasheet HTML 6Page - Analog Devices ADT7470_17 Datasheet HTML 7Page - Analog Devices ADT7470_17 Datasheet HTML 8Page - Analog Devices ADT7470_17 Datasheet HTML 9Page - Analog Devices ADT7470_17 Datasheet HTML 10Page - Analog Devices ADT7470_17 Datasheet HTML 11Page - Analog Devices ADT7470_17 Datasheet HTML 12Page - Analog Devices ADT7470_17 Datasheet HTML 13Page - Analog Devices ADT7470_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
ADT7470
Rev. E | Page 9 of 40
SMBUS/I2C SERIAL INTERFACE
Control of the ADT7470 is carried out using the serial system
management bus (SMBus). This interface is fully compatible
with SMBus 2.0 electrical specifications and meets 400 pF bus
capacitance requirements. The device also supports fast I2C
(400 kHz max). The ADT7470 is connected to the bus as a slave
device under the control of a master controller or service
processor.
ADDRESS SELECTION
The ADT7470 has a 7-bit serial bus address. When the device
is powered up with Pin 11 (ADDR) high, the ADT7470 has an
SMBus address of 010 1111 or 0x5E (left-justified). Because the
address is 7 bits, it can be left- or right-justified; this determines
whether the address reads as 0x5x or 0x2x. Pin 11 can be left
floating or tied low for other addressing options, as shown in
Table 5. See also Figure 4, Figure 5, and Figure 6.
Table 5. ADT7470 Address Select Mode
Pin 11 (ADDR) State
Address
High (10 kΩ to VCC)
010 1111 (0x5E left-justified or
0x2F right-justified)
Low (10 kΩ to GND)
010 1100 (0x58 left-justified or
0x2C right-justified)
Floating (no pull-up)
010 1110 (0x5C left-justified or
0x2E right-justified)
VCC
10k
TYP
ADDR
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADT7470
Figure 4. SMBus Address = 0x5E or 0x2F (Pin 11 = 1)
ADDR
10k
TYP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADT7470
Figure 5. SMBus Address = 0x58 or 0x2C (Pin 11 = 0)
ADDR
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADT7470
Figure 6. SMBus Address = 0x5C or 0x2E (Pin 11 = Floating)
The device address is sampled and latched on the first valid
SMBus transaction, so any additional attempted addressing
changes have no immediate effect. The facility to make
hardwired changes to the SMBus slave address allows the user
to avoid conflicts with other devices sharing the same serial bus,
for example, if more than one ADT7470 is used in a system.
SERIAL BUS PROTOCOL
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line, SCL, remains
high. This indicates that an address/data stream follows.
All slave peripherals connected to the serial bus respond
to the start condition, and shift in the next 8 bits, consist-
ing of a 7-bit address (MSB first) and an R/W bit. This
determines the direction of the data transfer, that is,
whether data is written to or read from the slave device.
The peripheral whose address corresponds to the transmit-
ted address responds by pulling the data line low during
the low period before the 9th clock pulse, known as the
acknowledge bit. All other devices on the bus now remain
idle while the selected device waits for data to be read from
or written to it. If the R/W bit is 0, the master writes to the
slave device. If the R/W bit is 1, the master reads from the
slave device.
2. Data is sent over the serial bus in sequences of 9 clock pulses:
8 bits of data followed by an acknowledge bit from the slave
device. Transitions on the data line must occur during the
low period of the clock signal and remain stable during the
high period. This is because a low-to-high transition when
the clock is high might be interpreted as a stop signal. The
number of data bytes that can be transmitted over the serial
bus in a single read or write operation is limited only by
what the master and slave devices can handle.
3. After all data bytes are read or written, stop conditions
are established. In write mode, the master pulls the data
line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device overrides
the acknowledge bit by pulling the data line high during
the low period before the 9th clock pulse. This is known as
No Acknowledge. The master then takes the data line low


Similar Part No. - ADT7470_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7470 AD-ADT7470_13 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
ADT7470 AD-ADT7470_15 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
More results

Similar Description - ADT7470_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7470 AD-ADT7470 Datasheet
522Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. PrA
ADT7470 AD-ADT7470_13 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
ADT7470 AD-ADT7470_15 Datasheet
580Kb / 40P
   Temperature Sensor Hub and Fan Controller
Rev. E
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com