Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7311WTRZ-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7311WTRZ-RL7
Description  16-Bit Digital SPI Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7311WTRZ-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADT7311WTRZ-RL7 Datasheet HTML 1Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 2Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 3Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 4Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 5Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 6Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 7Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 8Page - Analog Devices ADT7311WTRZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Automotive, ±0.5°C Accurate, 16-Bit
Digital SPI Temperature Sensor
Data Sheet
ADT7311
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Qualified for automotive applications
High performance
Temperature accuracy
±0.5°C from −40°C to +105°C (2.7 V to 3.6 V)
±0.4°C from −40°C to +105°C (3.0 V)
16-bit temperature resolution: 0.0078°C
Fast first conversion on power-up of 6 ms
Easy implementation
No temperature calibration/correction required by user
No linearity correction required
Low power
Power saving 1 sample per second (SPS) mode
700 μW typical at 3.3 V in normal mode
7 μW typical at 3.3 V in shutdown mode
Wide operating ranges
Temperature range: −40°C to +150°C
Voltage range: 2.7 V to 5.5 V
Programmable interrupts
Critical overtemperature interrupt
Overtemperature/undertemperature interrupt
SPI-compatible interface
8-lead narrow SOIC RoHS-compliant package
APPLICATIONS
Battery management
Climate control and infotainment
Lighting
Powertrain
Thermocouple cold junction compensation
GPS
GENERAL DESCRIPTION
The ADT7311 is a high accuracy digital temperature sensor
in a narrow 8-lead SOIC package. It contains a band gap
temperature reference and a 16-bit ADC to monitor and digitize
the temperature to a 0.0078°C resolution. The ADC resolution,
by default, is set to 13 bits (0.0625°C). The ADC resolution is a
user programmable mode that can be changed through the
serial interface.
The ADT7311 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is
typically 210 μA. The ADT7311 has a shutdown mode that
powers down the device and offers a shutdown current of
typically 2 μA. The ADT7311 is rated for operation over the
−40°C to +150°C temperature range.
The CT pin is an open-drain output that becomes active when
the temperature exceeds a programmable critical temperature
limit. The default critical temperature limit is 147°C. The INT
pin is also an open-drain output that becomes active when the
temperature exceeds a programmable limit. The INT and CT
pins can operate in either comparator or interrupt mode.
PRODUCT HIGHLIGHTS
1.
Ease of use, no calibration or correction required by the user.
2.
Low power consumption.
3.
Excellent long-term stability and reliability.
4.
Packaged in an 8-lead SOIC, RoHS-compliant package.
FUNCTIONAL BLOCK DIAGRAM
INTERNAL
REFERENCE
8
7
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
Σ-∆
MODULATOR
VDD
GND
6
5
CT
INT
3
4
1
2
ADT7311
CS
TEMPERATURE
VALUE
REGISTER
CONFIGURATION,
STATUS, AND
ID REGISTERS
TLOW
REGISTER
TCRIT
REGISTER
THYST
REGISTER
THIGH
REGISTER
SCLK
DOUT
DIN
Figure 1.


Similar Part No. - ADT7311WTRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
476Kb / 9P
   Devices Connected
ADT7310 AD-ADT7310 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310TRZ AD-ADT7310TRZ Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7311WTRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com