Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT75ARMZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADT75ARMZ-REEL
Description  12-Bit Digital Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75ARMZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT75ARMZ-REEL Datasheet HTML 4Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 5Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 6Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 7Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 8Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 9Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 10Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 11Page - Analog Devices ADT75ARMZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADT75
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
V
DD to GND
–0.3 V to +7 V
SDA Input Voltage to GND
–0.3 V to V
DD + 0.3 V
SDA Output Voltage to GND
–0.3 V to V
DD + 0.3 V
SCL Input Voltage to GND
–0.3 V to V
DD + 0.3 V
OS/ALERT Output Voltage to GND
–0.3 V to V
DD + 0.3 V
Operating Temperature Range
–55°C to +150°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, T
JMAX
150.7°C
8-Lead MSOP (RM-8)
Power Dissipation1, 2
W
MAX = (TJMAX − TA)/θJA
Thermal Impedance3
θ
JA, Junction-to-Ambient (Still Air)
205.9°C/W
θ
JC, Junction-to-Case
43.74°C/W
8-Lead SOIC (R-8)
Power Dissipation1, 2
W
MAX = (TJMAX − TA)/θJA
Thermal Impedance3
θ
JA, Junction-to-Ambient (Still Air)
157°C/W
θ
JC, Junction-to-Case
56°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
6 minutes maximum
IR Reflow Soldering (Pb-Free Package)
Peak Temperature
260°C (+0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
8 minutes maximum
1 Values relate to package being used on a standard 2-layer PCB. This gives a
worst case θJAand θJC. Refer to Figure 3 for a plot of maximum power
dissipation vs. ambient temperature (TA).
2 T
A = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air-cooled, PCB-
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
TEMPERATURE (
°C)
1.2
0.8
1.0
0.6
0.2
0.4
0
MAX PD = 3.4mW AT 150
°C
Figure 3. MSOP Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - ADT75ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT75ARMZ-REEL AD-ADT75ARMZ-REEL Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT75ARMZ-REEL7 AD-ADT75ARMZ-REEL7 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
More results

Similar Description - ADT75ARMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT7408 AD-ADT7408_15 Datasheet
459Kb / 24P
   2C Accurate, 12-Bit Digital Temperature Sensor
Rev. 0
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com