Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7310 Datasheet(PDF) 19 Page - Analog Devices

Part # ADT7310
Description  16-Bit Digital SPI Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7310 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADT7310 Datasheet HTML 15Page - Analog Devices ADT7310 Datasheet HTML 16Page - Analog Devices ADT7310 Datasheet HTML 17Page - Analog Devices ADT7310 Datasheet HTML 18Page - Analog Devices ADT7310 Datasheet HTML 19Page - Analog Devices ADT7310 Datasheet HTML 20Page - Analog Devices ADT7310 Datasheet HTML 21Page - Analog Devices ADT7310 Datasheet HTML 22Page - Analog Devices ADT7310 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADT7310
Data Sheet
Rev. A | Page 18 of 24
SERIAL INTERFACE
ADT7310
GND
SCLK
DOUT
DIN
CT
INT
VDD
10kΩ
10kΩ
PULL-UP
VDD
0.1µF
MICROCONTROLLER
VDD
CS
Figure 17. Typical SPI Interface Connection
The ADT7310 has a 4-wire serial peripheral interface (SPI). The
interface has a data input pin (DIN) for inputting data to the
device, a data output pin (DOUT) for reading data back from
the device, and a data clock pin (SCLK) for clocking data into
and out of the device. A chip select pin (CS) enables or disables
the serial interface. CS is required for correct operation of the
interface. Data is clocked out of the ADT7310 on the negative
edge of SCLK, and data is clocked into the device on the
positive edge of SCLK.
SPI COMMAND BYTE
All data transactions on the bus begin with the master taking
CS from high to low and sending out the command byte. This
indicates to the ADT7310 whether the transaction is a read or
a write and provides the address of the register for the data
transfer. Table 15 shows the command byte.
Table 15. Command Byte
C7
C6
C5
C4
C3
C2
C1
C0
0
R/W
Register address
Continuous
read
0
0
Bit C7 of the command byte must be set to 0 to successfully
begin a bus transaction. The SPI interface does not work
correctly if a 1 is written into this bit.
Bit C6 is the read/write bit; 1 indicates a read, and 0 indicates
a write.
Bits[C5:C3] contain the target register address. One register can
be read from or written to per bus transaction.
Bit C2 activates a continuous read mode on the temperature
value register only. When this bit is set, the serial interface is
configured so that the temperature value register can be
continuously read. When the command word is 01010100
(0x54), the contents of the temperature value register can be
read out without requiring repeated writes to set the address
bits. Simply sending 16 SCLK clocks to the ADT7310 clocks the
contents of the temperature value register onto the DOUT pin.


Similar Part No. - ADT7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
476Kb / 9P
   Devices Connected
ADT7310TRZ AD-ADT7310TRZ Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7310TRZ-REEL AD-ADT7310TRZ-REEL Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
More results

Similar Description - ADT7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7311 AD-ADT7311 Datasheet
425Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7320 AD-ADT7320_17 Datasheet
485Kb / 25P
   16-Bit Digital SPI Temperature Sensor
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
   짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7410 AD-ADT7410_17 Datasheet
487Kb / 25P
   16-Bit Digital I2C Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com