Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7302ARTZ-500RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7302ARTZ-500RL7
Description  Accurate, Micropower Digital Accurate, Micropower Digital
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302ARTZ-500RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7302ARTZ-500RL7 Datasheet HTML 3Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 4Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 5Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 6Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 7Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 8Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 9Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 10Page - Analog Devices ADT7302ARTZ-500RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADT7302
Rev. B | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GND
1
DIN
2
VDD 3
DOUT
6
CS
5
SCLK
4
ADT7302
TOP VIEW
(Not to Scale)
Figure 4. SOT-23 Pin Configuration
NC
1
DOUT
2
CS
3
SCLK
4
NC
8
GND
7
DIN
6
VDD
5
NC = NO CONNECT
ADT7302
TOP VIEW
(Not to Scale)
Figure 5. MSOP Pin Configuration
Table 4. Pin Function Descriptions
SOT-23
Pin No.
MSOP
Pin No.
Mnemonic
Description
1
7
GND
Analog and Digital Ground.
2
6
DIN
Serial Data Input. Serial data to be loaded to the part’s control register is provided on this input.
Data is clocked into the control register on the rising edge of SCLK.
3
5
V
DD
Positive Supply Voltage, 2.7 V to 5.25 V.
4
4
SCLK
Serial Clock Input. This is the clock input for the serial port. The serial clock is used to clock data out
of the ADT7302’s temperature value register and to clock data into the ADT7302’s control register.
5
3
CS
Chip Select Input. Logic input. The device is selected when this input is low. The SCLK input is
disabled when this pin is high.
6
2
DOUT
Serial Data Output. Logic output. Data is clocked out of the temperature value register at this pin.
Data is clocked out on the falling edge of SCLK.
1, 8
NC
No Connect.


Similar Part No. - ADT7302ARTZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7302ARTZ-500RL7 AD-ADT7302ARTZ-500RL7 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results

Similar Description - ADT7302ARTZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com