Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7302 Datasheet(PDF) 12 Page - Analog Devices

Part # ADT7302
Description  Accurate, Micropower Digital Accurate, Micropower Digital
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7302 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT7302_17 Datasheet HTML 8Page - Analog Devices ADT7302_17 Datasheet HTML 9Page - Analog Devices ADT7302_17 Datasheet HTML 10Page - Analog Devices ADT7302_17 Datasheet HTML 11Page - Analog Devices ADT7302_17 Datasheet HTML 12Page - Analog Devices ADT7302_17 Datasheet HTML 13Page - Analog Devices ADT7302_17 Datasheet HTML 14Page - Analog Devices ADT7302_17 Datasheet HTML 15Page - Analog Devices ADT7302_17 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADT7302
Rev. B | Page 11 of 16
Write Operation
Figure 14 also shows the timing diagram for a serial write to the
ADT7302. The write operation takes place at the same time as
the read operation. Only the third bit in the data stream provides
a user-controlled function. This third bit is the power-down bit,
which, when set to 1, puts the ADT7302 into shutdown mode.
In addition to the power-down bit, all bits in the input data
stream should be 0 to ensure correct operation of the ADT7302.
Data is loaded into the control register on the 16th rising SCLK
edge; the data takes effect at this time. Therefore, if the part is
programmed to go into shutdown, it does so at this point. If CS
is brought high before this 16th SCLK edge, the control register
is not loaded and the power-down status of the part does not
change. Data is clocked into the ADT7302 on the rising edge
of SCLK.


Similar Part No. - ADT7302_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
More results

Similar Description - ADT7302_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
   Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
   짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com