Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115HG03NC-JCS Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115HG03NC-JCS
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115HG03NC-JCS Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115HG03NC-JCS Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NC-JCS Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NC-JCS Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NC-JCS Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NC-JCS Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115HG03NC-JCS Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series NP01
Subminiature Smooth Actuation Pushbuttons
D77
D
www.nkkswitches.com
A
Standard Nominal Operating Force
1.5 ±0.5N
Switch base is Black
Gold Contacts
Straight PC Terminals
0.4VA maximum @ 28V AC/DC maximum
G03
High Nominal Operating Force
2.5 ±0.8N
Switch base is Gray
H
Nonilluminated Models
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematic
Pole
Model
Normal
Down
Note: Switch is marked with LC1, 1, L3, L4, L1,
L2, 2, LC2.
SP
NP0115AG03N
NP0115HG03N
OFF
(ON)
Normally
Open
1-2
SPST
Illuminated Models
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematic
Pole
Model
Normal
Down
SP
NP0115AG03L
NP0115HG03L
OFF
(ON)
Normally
Open
1-2
SPST
(+)
(-)
Notes: Switch is marked with LC1, 1, L3, L4, L1,
L2, 2, LC2.
Lamp circuit is isolated and requires an
external power source.
L
Illuminated
Nonilluminated
N
POLE & CIRCUIT
OPERATING FORCE
CONTACTS, TERMINALS, & RATING
ILLUMINATION
12
12


Similar Part No. - NP0115HG03NC-JCS

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115HG03NC-JC NKK-NP0115HG03NC-JC Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115HG03NC-JC NKK-NP0115HG03NC-JC Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115HG03NC-JC-S NKK-NP0115HG03NC-JC-S Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115HG03NC-JC-S NKK-NP0115HG03NC-JC-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115HG03NC-JCS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com