Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1392U-33 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1392U-33
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1392U-33 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1392U-33 Datasheet HTML 1Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 2Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 3Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 4Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 5Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 6Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 7Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 8Page - Maxim Integrated Products DS1392U-33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
_____________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS—3-WIRE INTERFACE
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C.) (Note 1) (Figures 3, 4)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
2.7V
≤ VCC ≤ 5.5V
4
SCLK Frequency (Note 13)
fSCLK
1.71V
≤ VCC ≤ 1.89V
1
MHz
Data to SCLK Setup
tDC
(Notes 13, 14)
30
ns
SCLK to Data Hold
tCDH
(Notes 13, 14)
30
ns
2.7V
≤ VCC ≤ 5.5V
80
SCLK to Data Valid (Notes 13,
14, 15)
tCDD
1.71V
≤ VCC ≤ 1.89V
160
ns
2.7V
≤ VCC ≤ 5.5V
110
SCLK Low Time (Note 13)
tCL
1.71V
≤ VCC ≤ 1.89V
400
ns
2.7V
≤ VCC ≤ 5.5V
110
SCLK High Time (Note 13)
tCH
1.71V
≤ VCC ≤ 1.89V
400
ns
SCLK Rise and Fall
tR, tF
200
ns
CS to SCLK Setup
tCC
(Note 13)
400
ns
SCLK to CS Hold
tCCH
(Note 13)
100
ns
2.7V
≤ VCC ≤ 5.5V
400
CS Inactive Time (Note 13)
tCWH
1.71V
≤ VCC ≤ 1.89V
500
ns
CS to Output High Impedance
tCDZ
(Note 13, 14)
40
ns
AC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pushbutton Debounce
PBDB
160
200
ms
Reset Active Time
tRST
160
200
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 16)
100
ms


Similar Part No. - DS1392U-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1392U-33++ MAXIM-DS1392U-33+ Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1392U-33++ MAXIM-DS1392U-33+ Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1392U-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com