Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C256-15JI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT29C256-15JI
Description  256K (32K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C256-15JI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT29C256-15JI Datasheet HTML 2Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 3Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 4Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 5Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 6Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 7Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 8Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 9Page - ATMEL Corporation AT29C256-15JI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
AT29C256
0046P–FLASH–10/04
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT29C256-70
AT29C256-90
AT29C256-12
AT29C256-15
Units
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
70
90
120
150
ns
tCE
(1)
CE to Output Delay
70
90
120
150
ns
t
OE
(2)
OE to Output Delay
0
40
0
40
0
50
0
70
ns
t
DF
(3)(4)
CE or OE to Output Float
025025030
0
40
ns
t
OH
Output Hold from OE, CE or Address,
whichever occurred first
000
0
ns
Note:
Not recommended for New Designs.


Similar Part No. - AT29C256-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C256-15JI ATMEL-AT29C256-15JI Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C256-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29LV256 ATMEL-AT29LV256 Datasheet
449Kb / 10P
   256K 32K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F516 ATMEL-AT49F516 Datasheet
124Kb / 13P
   512K (32K x 16) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com