Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1928 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE1928
Description  Integrated Circuit Positive Adjustable Voltage Regulator, 4.5V to 40V, 45mA
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1928 Datasheet(HTML) 3 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.370 (9.39) Dia Max
.335 (8.52) Dia Max
.018 (0.45) Dia Typ
.032 (0.82)
45
°
.177 (4.5)
Max
.492
(12.5)
Min
.200 (5.06)
Dia
1
2
3
4
5
6
7
8


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn