Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C256-12TC Datasheet(PDF) 7 Page - ATMEL Corporation

Part No. AT29C256-12TC
Description  256K (32K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C256-12TC Datasheet(HTML) 7 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
AT29C256
0046P–FLASH–10/04
Input Test Waveforms and Measurement Level
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
t
R, tF < 5 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn