Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C256-12TC Datasheet(PDF) 16 Page - ATMEL Corporation

Part No. AT29C256-12TC
Description  256K (32K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C256-12TC Datasheet(HTML) 16 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
AT29C256
0046P–FLASH–10/04
28T – TSOP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28T, 28-lead (8 x 13.4 mm) Plastic Thin Small Outline
Package, Type I (TSOP)
C
28T
12/06/02
PIN 1
0º ~ 5º
D1
D
Pin 1 Identifier Area
b
e
E
A
A1
A2
c
L
GAGE PLANE
SEATING PLANE
L1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MO-183.
2. Dimensions D1 and E do not include mold protrusion. Allowable
protrusion on E is 0.15 mm per side and on D1 is 0.25 mm per side.
3. Lead coplanarity is 0.10 mm maximum.
A
1.20
A1
0.05
0.15
A2
0.90
1.00
1.05
D
13.20
13.40
13.60
D1
11.70
11.80
11.90
Note 2
E
7.90
8.00
8.10
Note 2
L
0.50
0.60
0.70
L1
0.25 BASIC
b
0.17
0.22
0.27
c
0.10
0.21
e
0.55 BASIC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn