Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT29C256-12TC Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT29C256-12TC
Description  256K (32K x 8) 5-volt Only Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C256-12TC Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT29C256-12TC Datasheet HTML 9Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 10Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 11Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 12Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 13Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 14Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 15Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 16Page - ATMEL Corporation AT29C256-12TC Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
AT29C256
0046P–FLASH–10/04
Ordering Information
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
50
0.3
AT29C256-70JC
AT29C256-70TC
32J
28T
Commercial
(0
° to 70°C)
AT29C256-70JI
AT29C256-70TI
32J
28T
Industrial
(-40
° to 85°C)
90
50
0.3
AT29C256-90JC
AT29C256-90TC
32J
28T
Commercial
(0
° to 70°C)
AT29C256-90JI
AT29C256-90TI
32J
28T
Industrial
(-40
° to 85°C)
120
50
0.3
AT29C256-12JC
AT29C256-12TC
32J
28T
Commercial
(0
° to 70°C)
AT29C256-12JI
AT29C256-12TI
32J
28T
Industrial
(-40
° to 85°C)
150
50
0.3
AT29C256-15JC
AT29C256-15TC
32J
28T
Commercial
(0
° to 70°C)
AT29C256-15JI
AT29C256-15TI
32J
28T
Industrial
(-40
° to 85°C)
Note:
Not recommended for New Designs.
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)


Similar Part No. - AT29C256-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C256-12TC ATMEL-AT29C256-12TC Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT29C256-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C257 ATMEL-AT29C257 Datasheet
562Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
   256K 32K x 8 5-volt Only CMOS Flash Memory
AT29LV256 ATMEL-AT29LV256 Datasheet
449Kb / 10P
   256K 32K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F516 ATMEL-AT49F516 Datasheet
124Kb / 13P
   512K (32K x 16) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com