Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51MT80KBS90 Datasheet(PDF) 8 Page - International Rectifier

Part # 51MT80KBS90
Description  THREE PHASE CONTROLLED BRIDGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

51MT80KBS90 Datasheet(HTML) 8 Page - International Rectifier

  51MT80KBS90 Datasheet HTML 1Page - International Rectifier 51MT80KBS90 Datasheet HTML 2Page - International Rectifier 51MT80KBS90 Datasheet HTML 3Page - International Rectifier 51MT80KBS90 Datasheet HTML 4Page - International Rectifier 51MT80KBS90 Datasheet HTML 5Page - International Rectifier 51MT80KBS90 Datasheet HTML 6Page - International Rectifier 51MT80KBS90 Datasheet HTML 7Page - International Rectifier 51MT80KBS90 Datasheet HTML 8Page - International Rectifier 51MT80KBS90 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
53-93-113MT..KB Series
8
Bulletin I27503 08/97
www.irf.com
Fig. 12 - Forward Voltage Drop Characteristics
Fig. 13 - Total Power Loss Characteristics
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 11 - Current Ratings Characteristic
80
90
100
110
120
130
0
20
406080
100
120
Total Output Current (A)
120°
(Rect)
113MT..KB Series
1
10
100
1000
0.5
1
1.522.5
33.5
4
T = 25°C
J
Instantaneous On-state Voltage (V)
113MT..KB Series
Per Junction
T = 125°C
J
0
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.5
K/W
0.7
K/W
1 K/W
1.5 K/W
0.4
K/W
0
50
100
150
200
250
300
350
0 10203040 506070 80 90 100110
Total Output Current (A)
120°
(Rect)
113MT..KB Series
T = 125°C
J
400
500
600
700
800
900
1000
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
113MT..KB Series
Per Junction
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
400
500
600
700
800
900
1000
1100
1200
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained.
113MT..KB Series
Per Junction
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
Maximum Non Repetitive Surge Current
RRM
J


Similar Part No. - 51MT80KBS90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
51MT80KPBF VISHAY-51MT80KPBF Datasheet
188Kb / 9P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Revision: 13-Aug-08
51MT80KS90PBF VISHAY-51MT80KS90PBF Datasheet
188Kb / 9P
   Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
Revision: 13-Aug-08
More results

Similar Description - 51MT80KBS90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-113MT160KS90PBF VISHAY-VS-113MT160KS90PBF Datasheet
228Kb / 9P
   Three Phase Controlled Bridge
Revision: 27-Feb-14
VS-52MT140KPBF VISHAY-VS-52MT140KPBF Datasheet
255Kb / 11P
   Three Phase Controlled Bridge
Revision: 27-Feb-14
logo
International Rectifier
45MT160P IRF-45MT160P Datasheet
120Kb / 7P
   THREE PHASE CONTROLLED BRIDGE
logo
Semikron International
SKS700NB6C470V16 SEMIKRON-SKS700NB6C470V16 Datasheet
208Kb / 3P
   Three-phase controlled bridge rectifier
SKS360FB6C240V16 SEMIKRON-SKS360FB6C240V16 Datasheet
207Kb / 3P
   Three-phase controlled bridge rectifier
SKS1080FB6C730V16 SEMIKRON-SKS1080FB6C730V16 Datasheet
208Kb / 3P
   Three-phase controlled bridge rectifier
logo
Sirectifier Semiconduct...
S3PHB180 SIRECTIFIER-S3PHB180 Datasheet
296Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB110 SIRECTIFIER-S3PHB110 Datasheet
313Kb / 3P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
S3PHB70 SIRECTIFIER-S3PHB70 Datasheet
271Kb / 2P
   Three Phase Half Controlled Bridge Modules/Full Controlled Bridge
logo
IXYS Corporation
VVZ24 IXYS-VVZ24 Datasheet
146Kb / 3P
   Three Phase Half Controlled Rectifier Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com