Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLR10-2196-1012K-B Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DLR10-2196-1012K-B
Description  industrial power relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DLR10-2196-1012K-B Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DLR10-2196-1012K-B Datasheet HTML 1Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 2Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 3Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 4Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 5Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 6Page - Willow Technologies Ltd DLR10-2196-1012K-B Datasheet HTML 7Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DLR
industrial power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); DPST-NO (2 Form A)
Contact material
AgCdO, AgSnO
2 (Special Order only)
Max. switching voltage
AC/DC 250VAC, 30VDC
Min. breaking capacity
W 0.5W (AgCdO), 1W (AgSnO
2)
Rated load (resistive - cos φ=1)
AC1 SPST-NO, DPST-NO PCB : 20A/220VAC
SPST-NO: 30A/220VAC / DPST-NO: 25A/220VAC
Max. switching power
4,400VA (PCB types); 5,500VA (DPST-NO); 6,600VA (SPST-NO)
Initial resistance
≤ 50mΩ, max. at 1A/24VDC
Max. operating frequency at rated load
AC1 1,800 cycles per hour
Coil
Rated voltage
AC 6...200/240V
DC 6...100V
Must release voltage
≥0.15Un
Operating range of supply voltage
See coil tables 1 & 2
Insulation
Insulation resistance
≥1000MΩ at 500VDC, 50%RH
Impulse withstand voltage
Between coil and contact: 10,000V
Dielectric strength
coil to contact
4,000Vrms, 1min (50/60Hz)
contacts of the same pole
2,000Vrms, 1min (50/60Hz)
contacts of different poles (DPST-NO)
2,000Vrms, 1min (50/60Hz)
General Data
Operating time (typical)
mS
≤ 30
Release time (typical)
mS
≤ 30
Electrical Life
ops 1 x 105 at 1,800 ops/hour at rated load (Fig 1.)
Mechanical life
ops 5 x 106 at 1,800 ops/hour
Dimensions
L x W x H various - see drawings (Fig 2.)
Weight
approx. 90g (3.17oz) quick connect (fast-on) type
approx. 100g (3.52oz) PCB terminal type
approx. 120g (4.23oz) Screw terminal type
Ambient temperature
-40 to 85°C
Shock resistance
approx. 100G mechanical durabilty, 10G malfunction durability
Vibration resistance
DA 1.5mm 10-55Hz
• High current switching - 6,600VA max.
• Good inrush current resistance
• Wide range AC coils
• DIN Rail mounting options
• Screw, plug-in or PCB terminals
• Applications include heaters, HVAC and
motor controls
• RoHS Compliant
Ref: DLR 091411JHM
Specifications are subject to change without notice. E&OE.


Similar Part No. - DLR10-2196-1012K-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
DLR1040-ST-XX ETC1-DLR1040-ST-XX Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
More results

Similar Description - DLR10-2196-1012K-B

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
logo
American Zettler, Inc.
AZ1401 AZETTLER-AZ1401 Datasheet
491Kb / 2P
   Industrial Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com