Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2JF Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # E2JF
Description  Super Fast Recovery Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

E2JF Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  E2JF Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd E2JF Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-S019
Rev. 1.5, 28-Apr-14
E2AF THRU E2JF
超快恢复整流二极管Super Fast Recovery Rectifier Diode
■特征
Features
■外形尺寸 Outline Dimensions and Mark
Io
2.0A
VRRM
50V~600V
玻璃钝化芯片
Glass passivated chip
耐正向浪涌电流能力高
High surge forward current capability
用途
Applications
作一般电源单相整流
For general power supply
single-phase rectifier
极限值(绝对最大额定值)
Limiting Values(Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
E2
AF
BF
DF
FF
GF
JF
反向重复峰值电压
Repetitive Peak Reverse
Voltage
VRRM
V
50
100
200
300
400
600
平均整流输出电流
Average Rectified Output
Current
IO
A
60Hz单向半波,电阻负载,Ta=75℃
60Hz One-way half-wave, R-load,Ta=75℃
2.0
正向(不重复)浪涌电流
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ正弦波,一个周期,Tj=25℃
60HZ sine wave, 1 cycle, Tj=25℃
50
存储温度
Storage Temperature
Tstg
-55 ~+150
结温
Junction Temperature
Tj
-55 ~+150
电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
E2
AF
BF
DF
FF
GF
JF
正向峰值电压
Peak Forward Voltage
VFM
V
IFM=2.0A
1.0
1.3
1.7
最大反向恢复时间
Maximum reverse recovery
time
trr
ns
IF=0.5A,IR=1.0A,IRR=0.25A
35
反向峰值电流
Peak Reverse Current
IRRM
μA
VRM=VRRM , Ta=25℃
5
热阻
Thermal Resistance
RθJ-L
/W
结和引线之间
Between junction and lead
20
COMPLIANT
RoHS
.142(3.60)
.134(3.40)
.110(2.80)
.094(2.40)
.057(1.45)
.053(1.35)
.189(4.80)
.173(4.40)
.009(0.22)
.006(0.15)
.049(1.25)
.041(1.05)
Dimensions in inches and (millimeters)
SMAF
0.075
(1.9)
0.063
(1.6)
0.232
(5.9)
0.106
(2.7)
.039(1.00)
.020(0.50)


Similar Part No. - E2JF

ManufacturerPart #DatasheetDescription
logo
RFE international
E2JF RFE-E2JF Datasheet
3Mb / 4P
   Surface Mount Super Fast Recovery Rectifier E2AF Through E2KF
10-14-2022
More results

Similar Description - E2JF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
   Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
   Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
   Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
   Super Fast Recovery Rectifier Diode
ES5A YANGJIE-ES5A Datasheet
233Kb / 4P
   Super Fast Recovery Rectifier Diode
logo
KEC(Korea Electronics)
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
   SUPER FAST RECOVERY RECTIFIER DIODE
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
   Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com