Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC908GR4MDWR2 Datasheet(PDF) 93 Page - Motorola, Inc

Part # MC908GR4MDWR2
Description  Microcontrollers
Download  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC908GR4MDWR2 Datasheet(HTML) 93 Page - Motorola, Inc

Back Button MC908GR4MDWR2 Datasheet HTML 89Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 90Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 91Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 92Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 93Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 94Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 95Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 96Page - Motorola, Inc MC908GR4MDWR2 Datasheet HTML 97Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 408 page
background image
Break Module (BRK)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Break Module (BRK)
93
6.4.1 Flag Protection During Break Interrupts
The BCFE bit in the SIM break flag control register (SBFCR) enables
software to clear status bits during the break state.
6.4.2 CPU During Break Interrupts
The CPU starts a break interrupt by:
Loading the instruction register with the SWI instruction
Loading the program counter with $FFFC and $FFFD ($FEFC and
$FEFD in monitor mode)
Addr.
Register Name
Bit 7
654321
Bit 0
$FE00
SIM Break Status Register
(SBSR)
Read:
000100
BW
0
Write:
RRRRRR
NOTE
R
Reset:
00010000
$FE03
SIM Break Flag Control
Register (SBFCR)
Read:
BCFE
RRRRRRR
Write:
Reset:
0
$FE09
Break Address Register
High (BRKH)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
00000000
$FE0A
Break Address Register
Low (BRKL)
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
$FE0B
Break Status and Control
Register (BRKSCR)
Read:
BRKE
BRKA
000000
Write:
Reset:
00000000
Note: Writing a logic 0 clears BW.
= Unimplemented
R
= Reserved
Figure 6-2. I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC908GR4MDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908GR4MDWR2 FREESCALE-MC908GR4MDWR2 Datasheet
3Mb / 286P
   M68HC08 Microcontrollers
MC908GR4MDWR2 FREESCALE-MC908GR4MDWR2 Datasheet
3Mb / 408P
   M68HC08 Microcontrollers
More results

Similar Description - MC908GR4MDWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com